Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA33D15HFP Datasheet(PDF) 3 Page - Rohm

Part # BA33D15HFP
Description  Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA33D15HFP Datasheet(HTML) 3 Page - Rohm

  BA33D15HFP Datasheet HTML 1Page - Rohm BA33D15HFP Datasheet HTML 2Page - Rohm BA33D15HFP Datasheet HTML 3Page - Rohm BA33D15HFP Datasheet HTML 4Page - Rohm BA33D15HFP Datasheet HTML 5Page - Rohm BA33D15HFP Datasheet HTML 6Page - Rohm BA33D15HFP Datasheet HTML 7Page - Rohm BA33D15HFP Datasheet HTML 8Page - Rohm BA33D15HFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BA3258HFP, BA33D15HFP, BA33D18HFP
Technical Note
3/8
www.rohm.co
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
1.490
1.492
1.494
1.496
1.498
1.500
1.502
1.504
1.506
-30 -15
0
1530456075
TEMPERATURE:Ta[℃]
BA3258HFP Electrical Characteristics Curves (Unless otherwise specified, Ta = 25℃, Vcc = 5V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT CURRENT:Io2[A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.2
0.4
0.6
0.8
1.0
OUTPUT CURRENT:Io1[A]
0
10
20
30
40
50
60
70
80
10
100
1000
10000
FREQUENCY:f[Hz]
3.245
3.255
3.265
3.275
3.285
3.295
3.305
3.315
3.325
-30 -15
0
1530
456075
TEMPERATURE:Ta[℃]
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-30 -15
0
15
30456075
TEMPERATURE:Ta[℃]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
246
8
10
12
14
SUPPLY VOLTAGE:Vcc[V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
2468
10
12
14
SUPPLY VOLTAGE:Vcc[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT CURRENT:Io1[A]
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
OUTPUT CURRENT:Io1[A]
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
OUTPUT CURRENT:Io2[A]
Fig. 4 Input Stability
(3.3 V output with no load)
Fig. 5 Input Stability
(1.5 V output with no load)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2
4
6
8
10
12
14
SUPPLY VOLTAGE:Vcc[V]
Fig.1 Circuit Current
(with no load)
Fig. 6 Load Stability
(3.3 V output)
Fig. 7 Load Stability
Fig. 8 I/O Voltage Difference
(3.3 V output)
(Vcc = 3.8 V, Io1 = 0
 1 A)
Fig. 9 R.R. Characteristics
(ein = 0.5 Vp-p, Io = 5 mA)
Fig. 10 Output Voltage vs
Temperature (3.3 V output)
Fig. 11 Output Voltage vs
Temperature (1.5 V output)
R.R.(1.5 V output)
R.R.(3.3 V output)
Fig. 12 Circuit Current vs
Temperature (Io = 0 mA)
Fig. 2 Circuit Current vs Load Current
Io2 (Io1 = 0
1 A)
Fig. 3 Circuit Current vs Load
Current Io2 (Io2 = 0
 1 A)


Similar Part No. - BA33D15HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA33D15HFP ROHM-BA33D15HFP Datasheet
181Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA33D15HFP ROHM-BA33D15HFP Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA33D15HFP ROHM-BA33D15HFP Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA33D15HFP-TR ROHM-BA33D15HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
More results

Similar Description - BA33D15HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com