Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3662CP-V5 Datasheet(PDF) 1 Page - Rohm

Part # BA3662CP-V5
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3662CP-V5 Datasheet(HTML) 1 Page - Rohm

  BA3662CP-V5 Datasheet HTML 1Page - Rohm BA3662CP-V5 Datasheet HTML 2Page - Rohm BA3662CP-V5 Datasheet HTML 3Page - Rohm BA3662CP-V5 Datasheet HTML 4Page - Rohm BA3662CP-V5 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. A
STRUCTURE
Silicon Monolithic Integrated Circuit
TYPE
0.3A Low Dropout Voltage Regulator with Shut Down Switch(Adjustable Voltage)
PRODUCT SERIES
BA3662CP‐V5
FEATURES
Maximum Output Current : 300mA
High Input Voltage : 35V, Built in Over Voltage Protection
○ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply Voltage
Vcc
-0.3 ~ +35
※1
V
Output Control Voltage
VCTL
-0.3 ~ Vcc
V
Power Dissipation
(TO220CP-V5)
Pd
2000
※2
mW
Operating Temperature Range
Topr
-40 ~ +125
Storage Temperature Range
Tstg
-55 ~ +150
Maximum Junction Temperature
Tjmax
150
Peak Supply Voltage
Vcc peak
50
※3
V
※1 Do not however exceed Pd.
※2 Derating in done at 16mW/℃ for operating above Ta≧25℃.(without heat sink)
※3 Bias voltage in 200msec (tr≧1msec).
○OPERATING CONDITIONS(Ta=-40~+125℃, however do not exceed Pd.)
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
Vcc
4.0
25.0
V
Output Current
Io
0.3
A
Output Voltage
Vo
3
15
V
○PROTECTION(Design Guarantee)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Over Voltage Protection
Vcc
26
28
30
V
NOTE : This product is not designed for protection against radioactive rays.


Similar Part No. - BA3662CP-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BA3662CP-V5E2 ROHM-BA3662CP-V5E2 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
More results

Similar Description - BA3662CP-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com