Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6247FP-Y Datasheet(PDF) 15 Page - Rohm

Part # BA6247FP-Y
Description  Reversible motor drivers (for two motors series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6247FP-Y Datasheet(HTML) 15 Page - Rohm

Back Button BA6247FP-Y Datasheet HTML 8Page - Rohm BA6247FP-Y Datasheet HTML 9Page - Rohm BA6247FP-Y Datasheet HTML 10Page - Rohm BA6247FP-Y Datasheet HTML 11Page - Rohm BA6247FP-Y Datasheet HTML 12Page - Rohm BA6247FP-Y Datasheet HTML 13Page - Rohm BA6247FP-Y Datasheet HTML 14Page - Rohm BA6247FP-Y Datasheet HTML 15Page - Rohm BA6247FP-Y Datasheet HTML 16Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Technical Note
15/15
BA6246, BA6246N, BA6247FP-Y, BA6239A, BA6238A, BA6238AN
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
A
6
2
4
7
F
P
-
Y
-
E
2
ROHM part
number
Type
6246
6247
6239
6238A
Package
None: HSIP10
N: SIP10
FP-Y: HSOP25
Packaging spec.
E2: Embossed taping
None: Container tube
HSIP10
(Unit:mm)
<Dimension>
Container
Quantity
Direction
of feed
Tube
500pcs
<Tape and reel information>
Direction of products is fixed in a container tube.
*Orders should be placed in multiples of package quantity.
0.6
0.8
1.3
26.5
± 0.3
1
2.54
25
± 0.2
R1.6
10
0.5
± 0.1
3.6
± 0.2
SIP10
(Unit:mm)
<Dimension>
Container
Quantity
Direction
of feed
Tube
600pcs
<Tape and reel information>
Direction of products is fixed in a container tube.
*Orders should be placed in multiples of package quantity.
2.8
± 0.2
25.2
± 0.2
0.6
1.3
10
2.54
1
0.3
± 0.1
0.8
Direction of feed
HSOP25
(Unit:mm)
<Dimension>
2.75
± 0.1
1.95
± 0.1
25
14
1
13
0.36
± 0.1
0.25
± 0.1
13.6
± 0.2
0.8
0.1
Tape
Quantity
Direction
of feed
Embossed carrier tape
2000pcs
(Holding the reel with the left hand and pulling the tape out with the right,
pin 1 will be on the upper left-hand side.)
<Tape and reel information>
E2
Reel
1Pin
*Orders should be placed in multiples of package quantity.


Similar Part No. - BA6247FP-Y

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
121Kb / 6P
   Reversible motor driver
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
More results

Similar Description - BA6247FP-Y

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6238A ROHM-BA6238A_1 Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246 ROHM-BA6246 Datasheet
278Kb / 5P
   Reversible Motor Driver for 2 motors
BA6239A ROHM-BA6239A Datasheet
272Kb / 5P
   Reversible Motor Driver for 2 motors
BA6238AN ROHM-BA6238AN Datasheet
276Kb / 5P
   Reversible Motor Driver for 2 motors
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com