Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


BA6247FP-Y Datasheet(PDF) 1 Page - Rohm

Part No. BA6247FP-Y
Description  Reversible motor drivers (for two motors series)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

 
 1 page
background image
1/15
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
For brush motors
Reversible motor drivers
(for two motors series)
BA6246, BA6246N, BA6247FP-Y, BA6239A, BA6238A, BA6238AN
Overview
The reversible motor driver for output 1.0A or more for two motors drives a brush motor and incorporates one and a half
circuits of reversible motor driver. In addition, since the output section can control voltage applied to motors by output high
voltage setting pin, the torque at the time of driving motors can be varied.
Features
1) Built-in one and a half circuits of a reversible motor driver
2) Minimal external components
3) Output voltage can be optionally set by reference voltage setting pin
4) Built-in thermal shutdown circuit
Applications
Audio-visual equipment; PC peripherals; Car audios; Car navigation systems; OA equipments
Absolute maximum ratings (Ta=25°C, All voltages are with respect to ground)
Parameter
Symbol
Ratings
Unit
BA6246/N
BA6247FP-Y
BA6239A
BA6238A/AN
Supply voltage
VCC1, VCC2
20
20
20
20
V
Output current
IOMAX
1*
1
1*
1
1.2*
2
1.6*
1
A
Control input pins
VIN
-0.2 ~ 6.0
-0.2 ~ 6.0
-0.3 ~ 5.0
-0.3 ~ 5.0
V
Operating temperature
TOPR
-25 ~ 75
-25 ~ 75
-25 ~ 75
-25 ~ 75
°C
Storage temperature
TSTG
-55 ~ 150
-55 ~ 150
-55 ~ 125
-55 ~ 125
°C
Power dissipation
Pd
2.5*
3 / 1.19*4
1.45*
5
2.0*
3
2.0*
3 / 0.95*4
W
Junction temperature
Tjmax
150
150
125
125
°C
*1 Do not, exceed Pd or ASO (Pulse at 1/50 duty: 50ms).
*2 Do not, exceed Pd or ASO (Pulse at 1/100 duty: 500µs).
*3 HSIP10 package. Derated at 20mW/°C above 25°C.
*4 SIP10 package. Derated at 9.5mW/°C above 25°C.
*5 HSOP25 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 11.6mW/°C above 25°C.
Operating conditions (Ta=25°C)
Parameter
Symbol
Ratings
Unit
BA6246/N
BA6247FP-Y
BA6239A
BA6238A/AN
Supply voltage
VCC1, VCC2
8 ~ 18
8 ~ 18
8 ~ 18
8 ~ 18
V
VREF voltage
VR
0 ~ 18
0 ~ 18
8 ~ 18
0 ~ 18
V
No.09008EAT04




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl