Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6950FS Datasheet(PDF) 1 Page - Rohm

Part # BA6950FS
Description  Reversible Motor Drivers for 0.8A or less (1 Motor)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6950FS Datasheet(HTML) 1 Page - Rohm

  BA6950FS_10 Datasheet HTML 1Page - Rohm BA6950FS_10 Datasheet HTML 2Page - Rohm BA6950FS_10 Datasheet HTML 3Page - Rohm BA6950FS_10 Datasheet HTML 4Page - Rohm BA6950FS_10 Datasheet HTML 5Page - Rohm BA6950FS_10 Datasheet HTML 6Page - Rohm BA6950FS_10 Datasheet HTML 7Page - Rohm BA6950FS_10 Datasheet HTML 8Page - Rohm BA6950FS_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Reversible Motor drive IC Series for Brush Motors
Reversible Motor Drivers
for 0.8A or less (1 Motor)
BA6950FS, BA6951FS
Overview
These drivers are reversible motor drivers that can directly drive brush motor which require forward and reverse rotations.
Four modes of output setting are available by the use of input logic (2 inputs); forward, reverse, stop (idling), and braking. In
addition, since voltage applied to motors varies in accord with the control terminal, motor rotating speed can be optionally
set and by the built-in current feedback amplifier, the motor can be driven at a constant speed.
Features
1) Four-mode outputs of forward, reverse, stop (idling), and braking are enabled in compliance with two inputs
2) Motors can be driven at a constant speed by a current feedback amplifier
3) Built-in thermal shutdown circuit
4) Built-in current limiting function (BA6951FS)
Applications
Audio-visual equipment; PC peripherals; Car audios; Car navigation systems; OA equipments
Absolute maximum ratings (Ta=25°C, All voltages are with respect to ground)
Parameter
Symbol
Ratings
Unit
BA6950FS
BA6951FS
Supply voltage
VCC
8
V
Supply voltage
VB
18
V
Output current
IOMAX
0.4*
1
0.8*
1
A
Operating temperature
TOPR
-20 ~ 75
°C
Storage temperature
TSTG
-55 ~ 150
°C
Power dissipation
Pd
0.813*
2
W
Junction temperature
Tjmax
150
°C
*1 Do not, exceed Pd or ASO.
*2 SSOP-A16 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 6.4mW/°C above 25°C.
Operating conditions (Ta=25°C)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
3 ~ 6
V
Supply voltage
VB
3 ~ 16
V
VTCL voltage
VCTL
0 ~ (VCC-1.8)
V
No.10008EBT01


Similar Part No. - BA6950FS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6950FS ROHM-BA6950FS_1 Datasheet
308Kb / 5P
   Reversible Motor Driver
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
More results

Similar Description - BA6950FS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com