Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6287F Datasheet(PDF) 8 Page - Rohm

Part # BA6287F
Description  Reversible motor drivers (1A series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6287F Datasheet(HTML) 8 Page - Rohm

Back Button BA6287F Datasheet HTML 4Page - Rohm BA6287F Datasheet HTML 5Page - Rohm BA6287F Datasheet HTML 6Page - Rohm BA6287F Datasheet HTML 7Page - Rohm BA6287F Datasheet HTML 8Page - Rohm BA6287F Datasheet HTML 9Page - Rohm BA6287F Datasheet HTML 10Page - Rohm BA6287F Datasheet HTML 11Page - Rohm BA6287F Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical Note
8/15
BA6956AN, BA6287F, BA6285FS, BA6285AFP-Y, BA6920FP-Y
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Block diagram and pin configuration
BA6285FS
Fig.29 BA6285FS
Table 3 BA6285FS
Pin
Name
Function
1
GND
GND
2
NC
NC
3
OUT1
Driver output
4
VM
Power supply (driver stage)
5
VCC
Power supply (small signal)
6
FIN
Control input (forward)
7
NC
NC
8
PS
Power save enable pin
9
NC
NC
10
NC
NC
11
RIN
Control input (reverse)
12
VREF
Reference voltage setting pin
13
NC
NC
14
OUT2
Driver output
15
NC
NC
16
RNF
Power ground
ZD
C2
C1
R2
R1
M
C3
VCC
5
4
14
3
6
11
CTRL
TSD
FIN
RIN
VM
VCC
OUT1
OUT2
12
VREF
16
RNF
8
POWER
SAVE
1
GND
Fig.30 BA6285FS (SSOP-A16)
GND
NC
OUT1
VM
VCC
FIN
NC
PS
RNF
NC
OUT2
NC
VREF
RIN
NC
NC


Similar Part No. - BA6287F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6287F ROHM-BA6287F Datasheet
78Kb / 6P
   Reversible motor driver
BA6287F ROHM-BA6287F Datasheet
278Kb / 5P
   Reversible Motor Driver
BA6287F ROHM-BA6287F Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F ROHM-BA6287F Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results

Similar Description - BA6287F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_09 Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com