Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7603F Datasheet(PDF) 8 Page - Rohm

Part # BA7603F
Description  Triple Circuits Video Signal Switchers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7603F Datasheet(HTML) 8 Page - Rohm

  BA7603F Datasheet HTML 1Page - Rohm BA7603F Datasheet HTML 2Page - Rohm BA7603F Datasheet HTML 3Page - Rohm BA7603F Datasheet HTML 4Page - Rohm BA7603F Datasheet HTML 5Page - Rohm BA7603F Datasheet HTML 6Page - Rohm BA7603F Datasheet HTML 7Page - Rohm BA7603F Datasheet HTML 8Page - Rohm BA7603F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Catalog No.08T295A '08.8 ROHM ©
※When you order , please order in times the amount of package quantity.
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
E2
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
<Tape and Reel information>
Reel
Direction of feed
1pin
(Unit:mm)
SSOP-A16
<Dimension>
6.6
±0.2
0.36
±0.1
1
16
8
9
0.8
0.15
±0.1
0.1
(Unit:mm)
SSOP-B16
<Dimension>
9
8
16
1
5.0
± 0.2
0.15
± 0.1
0.22
± 0.1
0.65
0.1
<Tape and Reel information>
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
E2
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
Reel
Direction of feed
1pin
※When you order , please order in times the amount of package quantity.


Similar Part No. - BA7603F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7603F ROHM-BA7603F Datasheet
77Kb / 6P
   Video signal switcher
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
   Triple Circuits Video Signal Switchers
BA7603F ROHM-BA7603F Datasheet
153Kb / 5P
   Triple Circuits Video Signal, AUdio Signal Switchers
More results

Similar Description - BA7603F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7606F ROHM-BA7606F Datasheet
160Kb / 5P
   Triple Circuits Video Signal Switchers
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
   Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
153Kb / 5P
   Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
159Kb / 5P
   Triple Circuits Video Signal Switchers
BA7627FV ROHM-BA7627FV Datasheet
213Kb / 5P
   Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
165Kb / 5P
   Triple Circuits Video Signal Switchers
BA7657F ROHM-BA7657F_08 Datasheet
817Kb / 17P
   Broadband Triple Circuits Video Signal Switchers
BA7609F ROHM-BA7609F Datasheet
160Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
BA7609F ROHM-BA7609F Datasheet
155Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
BA7602F ROHM-BA7602F Datasheet
152Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com