Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4746 Datasheet(PDF) 2 Page - Rohm

Part # BD4746
Description  Bipolar Voltage Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4746 Datasheet(HTML) 2 Page - Rohm

  BD4746 Datasheet HTML 1Page - Rohm BD4746 Datasheet HTML 2Page - Rohm BD4746 Datasheet HTML 3Page - Rohm BD4746 Datasheet HTML 4Page - Rohm BD4746 Datasheet HTML 5Page - Rohm BD4746 Datasheet HTML 6Page - Rohm BD4746 Datasheet HTML 7Page - Rohm BD4746 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical Note
2/7
BD47□□G series
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD-GND
-0.3 ~ +10
V
Output Voltage
Vout
-0.3 ~ +10
V
Power Dissipation
*1 *2
Pd
540
mW
Operating Temperature
Topr
-40 ~ +75
°C
Ambient Storage Temperature
Tstg
-55 ~ +125
°C
*1 When a ROHM standard circuit board (70mm×70mm×1.6mm glass epoxy board) is mounted.
*2 When used at temperatures higher than Ta=25°C, the power is reduced by 5.4mW/°C
Electrical characteristics (Unless Otherwise Specified Ta=25°C)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Detection Voltage
Vs
Vcc=HL
RL=4.7kΩ
Vs (T)
×0.99
Vs (T)
Vs (T)
×1.01
V
Temperature Coefficient
Of Detection Voltage
Vs/∆T
RL=4.7kΩTa=-20~+75°C Designed Guarantee
-
±0.01
-
%/°C
Detection Hysteresis Voltage
∆Vs
RL=4.7kΩ, Vcc=LHL
30
50
100
mV
Transfer Delay Time ”H”
tPLH
CL=100pF,RL=4.7kΩ
*1
-
20
50
µs
Transfer Delay Time ”L”
tPHL
CL=100pF,RL=4.7kΩ
*2
-
60
120
µs
Reset Output Voltage ”L”
VOL
Vcc=Vs(min.)-0.05V, RL=4.7kΩ
-
0.1
0.4
V
Circuit Current ON
Icc1
Vcc=Vs(min.)-0.05V, RL=∞
-
1.5
3.0
µA
Circuit Current OFF
Icc2
Vcc=Vs(typ.)/0.85V, RL=∞
-
1.6
3.2
µA
Threshold Operating Voltage
VOPL
RL=4.7kΩ,VOL≥0.4V
-
0.65
0.85
V
Output Leak Current
IL
Vcc=VOUT=10V
-
-
0.1
µA
Reset Output Current ”L”
IOL
Vo=0.4V, Vcc=Vs(min.)-0.05V
3.0
15.0
-
mA
Vs(T):Standard Detection Voltage(1.9V to 4.6V, 0.1V step)
R:Pull-up resistor to be connected between VOUT and power supply.
CL:Capacitor to be connected between VOUT and GND.
*1 tPLH:Vcc=(Vs(typ.)-0.4V)(Vs(typ.)+0.4V)
*2 tPHL:Vcc=(Vs(typ.)+0.4V)(Vs(typ.)-0.4V)
Designed Guarantee.(Outgoing inspection is not done on all products.)
Block Diagrams
PIN No.
Symbol
Function
1
N.C.
Unconnected Terminal
2
SUB
Substrate*
3
GND
GND
4
VOUT
Reset Output
5
VCC
Power Supply Voltage
*Substrate Pin should be connected with GND
TOP VIEW
SSOP5
Fig.1
Vref
VOUT
VCC
GND
5
4
3


Similar Part No. - BD4746

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4746 ROHM-BD4746 Datasheet
175Kb / 6P
   System Reset IC
BD4746 ROHM-BD4746 Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4746 ROHM-BD4746 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4746 ROHM-BD4746 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4746 ROHM-BD4746 Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4746

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
BD4719G-TR ROHM-BD4719G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com