Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21336TDXXXFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F21336TDXXXFP
Description  RENESAS MCU
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21336TDXXXFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F21336TDXXXFP Datasheet HTML 7Page - Renesas Technology Corp R5F21336TDXXXFP Datasheet HTML 8Page - Renesas Technology Corp R5F21336TDXXXFP Datasheet HTML 9Page - Renesas Technology Corp R5F21336TDXXXFP Datasheet HTML 10Page - Renesas Technology Corp R5F21336TDXXXFP Datasheet HTML 11Page - Renesas Technology Corp R5F21336TDXXXFP Datasheet HTML 12Page - Renesas Technology Corp R5F21336TDXXXFP Datasheet HTML 13Page - Renesas Technology Corp R5F21336TDXXXFP Datasheet HTML 14Page - Renesas Technology Corp R5F21336TDXXXFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
R8C/33T Group
2. Central Processing Unit (CPU)
REJ03B0311-0100 Rev.1.00 Mar 16, 2010
Page 9 of 47
2.
Central Processing Unit (CPU)
Figure 2.1 shows the CPU Registers. The CPU contains 13 registers. R0, R1, R2, R3, A0, A1, and FB configure a
register bank. There are two sets of register bank.
Figure 2.1
CPU Registers
R2
b31
b15
b8b7
b0
Data registers (1)
Address registers (1)
R3
R0H (high-order of R0)
R2
R3
A0
A1
INTBH
b15
b19
b0
INTBL
FB
Frame base register (1)
The 4 high order bits of INTB are INTBH and
the 16 low order bits of INTB are INTBL.
Interrupt table register
b19
b0
USP
Program counter
ISP
SB
User stack pointer
Interrupt stack pointer
Static base register
PC
FLG
Flag register
Carry flag
Debug flag
Zero flag
Sign flag
Register bank select flag
Overflow flag
Interrupt enable flag
Stack pointer select flag
Reserved bit
Processor interrupt priority level
Reserved bit
C
IPL
D
Z
S
B
O
I
U
b15
b0
b15
b0
b15
b0
b8
b7
Note:
1. These registers comprise a register bank. There are two register banks.
R1H (high-order of R1)
R0L (low-order of R0)
R1L (low-order of R1)


Similar Part No. - R5F21336TDXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21336TNFP RENESAS-R5F21336TNFP Datasheet
445Kb / 50P
   The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21336TNFP RENESAS-R5F21336TNFP Datasheet
445Kb / 50P
   R8C/33T Group
R5F21336TNFP RENESAS-R5F21336TNFP Datasheet
445Kb / 50P
   RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R5F21336TNXXXFP RENESAS-R5F21336TNXXXFP Datasheet
445Kb / 50P
   The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
More results

Similar Description - R5F21336TDXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com