Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4730 Datasheet(PDF) 4 Page - Rohm

Part # BD4730
Description  Bipolar Voltage Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4730 Datasheet(HTML) 4 Page - Rohm

  BD4730 Datasheet HTML 1Page - Rohm BD4730 Datasheet HTML 2Page - Rohm BD4730 Datasheet HTML 3Page - Rohm BD4730 Datasheet HTML 4Page - Rohm BD4730 Datasheet HTML 5Page - Rohm BD4730 Datasheet HTML 6Page - Rohm BD4730 Datasheet HTML 7Page - Rohm BD4730 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Technical Note
4/7
BD47□□G series
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Explanation of Operation
BD47□□G series has the detection voltages and release voltages as threshold voltages and, as the voltages applied to the
input reach their respective threshold voltages, the output switches from “High” to “Low” and from “Low” to “High”. The
release voltage has a hysteresis that is the detection voltage +50mV (Typ.), preventing chattering in the output. When the
input is greater than the release voltage, the output is in a “High” state. When the input is lowered from that state, the output
switches to “Low” on the detection voltage. When the input is less than the detection voltage, the output is in a “Low” state.
When the input is raised from that state, the output switches to “High” with the release voltage. Additionally, at least 0.85V is
required for the circuit to operate fully. When the input falls below the operating limit voltage, the output becomes unsettled.
1
When the power supply is turned on, the output is unsettled from after over the operating limit voltage (VOPL) until
TPHL. There fore it is possible that the reset signal is not outputted when the rise time of VDD is faster than TPHL.
2
When VDD is greater than VOPL but less than the reset release voltage (VS + ΔVS), the output voltages will switch to
Low.
3
If VDD exceeds the reset release voltage (VS + ΔVS), then VOUT switches from L to H.
4
If VDD drops below the detection voltage (VS) when the power supply is powered down or when there is a power
supply fluctuation, VOUT switches to L (with a delay of TPHL).
5
The potential difference between the detection voltage and the release voltage is known as the hysteresis width (ΔVS).
The system is designed such that the output does not flip-flop with power supply fluctuations within this hysteresis width,
preventing malfunctions due to noise.
<Precautions>
Please be aware that when there is resistance on the power supply line, the detection voltage varies with voltage drops
caused by the IC current consumption.
Please connect a capacitor between VCC and GND when the power supply line has high impedance.
VDD
VS+ΔVS
VS
VOPL
0V
TPHL
VOUT
TPLH
TPHL
TPLH
VOL
VOH
VDD
Fig.11 Timing Waveform


Similar Part No. - BD4730

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4730 ROHM-BD4730 Datasheet
175Kb / 6P
   System Reset IC
BD4730 ROHM-BD4730 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4730 ROHM-BD4730 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4730 ROHM-BD4730 Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
BD4730 ROHM-BD4730 Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4730

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
BD49XXFVE ROHM-BD49XXFVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD49XXG ROHM-BD49XXG Datasheet
260Kb / 6P
   Voltage Detector IC
BD4719G-TR ROHM-BD4719G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
logo
BOWIN ELECTRONIC CO.
CDT5430 BOWIN-CDT5430 Datasheet
105Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com