Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKZ4.7BKV Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RKZ4.7BKV
Description  Silicon Planar Zener Diode for Constant voltage regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ4.7BKV Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKZ4.7BKV Datasheet HTML 1Page - Renesas Technology Corp RKZ4.7BKV Datasheet HTML 2Page - Renesas Technology Corp RKZ4.7BKV Datasheet HTML 3Page - Renesas Technology Corp RKZ4.7BKV Datasheet HTML 4Page - Renesas Technology Corp RKZ4.7BKV Datasheet HTML 5Page - Renesas Technology Corp RKZ4.7BKV Datasheet HTML 6Page - Renesas Technology Corp RKZ4.7BKV Datasheet HTML 7Page - Renesas Technology Corp RKZ4.7BKV Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RKZ-KV Series
Preliminary
REJ03G1700-0100 Rev.1.00 Feb 10, 2010
Page 2 of 5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
1
700
mW
Junction temperature
Tj
150
C
Storage temperature
Tstg
–55 to +150
C
Note:
1. Device mounted on glass-epoxy board (50
50mm, t = 1.6mm)
2. Solder land (10
10 mm)
50h × 50w × 1.6t (mm)
1.0
10
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
ESD-Capability *
2
VZ (V) *
1
Test
Condition
IR ( A)
Test
Condition
rd ( )
Test
Condition
(kV) *
2
Part No.
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
Min
RKZ3.6BKV
3.40
3.80
10
10
1
130
10
30
RKZ3.9BKV
3.70
4.10
10
10
1
130
10
30
RKZ4.3BKV
4.01
4.48
10
10
1
130
10
30
RKZ4.7BKV
4.42
4.90
10
10
1
130
10
30
RKZ5.1BKV
4.84
5.37
10
5
1.5
130
10
30
RKZ5.6BKV
5.31
5.92
10
5
2.5
80
10
30
RKZ6.2BKV
5.86
6.53
10
2
3
50
10
30
RKZ6.8BKV
6.47
7.14
10
2
3.5
30
10
30
RKZ7.5BKV
7.06
7.84
10
2
4
30
10
30
RKZ8.2BKV
7.76
8.64
10
2
5
30
10
30
RKZ9.1BKV
8.56
9.55
10
2
6
30
10
30
RKZ10BKV
9.45
10.55
10
2
7
30
10
30
RKZ11BKV
10.44
11.56
10
2
8
30
10
30
RKZ12BKV
11.42
12.60
10
2
9
35
10
30
RKZ13BKV
12.47
13.96
10
2
10
35
10
30
RKZ15BKV
13.84
15.52
5
2
11
40
5
30
RKZ16BKV
15.37
17.09
5
2
12
40
5
30
RKZ18BKV
16.94
19.03
5
2
13
45
5
30
RKZ20BKV
18.86
21.08
5
2
15
50
5
30
RKZ22BKV
20.88
23.17
5
2
17
55
5
30
RKZ24BKV
22.93
25.57
5
2
19
60
5
30
RKZ27BKV
25.10
28.90
2
2
21
70
2
30
RKZ30BKV
28.00
32.00
2
2
23
80
2
30
RKZ33BKV
31.00
35.00
2
2
25
80
2
30
RKZ36BKV
34.00
38.00
2
2
27
90
2
30
Notes: 1. Tested with pulse (Pw = 40 ms).
2. C =150 pF, R = 330
, Both forward and reverse direction 10 pulse
Failure criterion ; According to IR spec


Similar Part No. - RKZ4.7BKV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ4.7BKV RENESAS-RKZ4.7BKV Datasheet
210Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
More results

Similar Description - RKZ4.7BKV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ-KV RENESAS-RKZ-KV Datasheet
210Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
logo
KEC(Korea Electronics)
KDZ20EV KEC-KDZ20EV Datasheet
96Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W20V KEC-Z02W20V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
logo
Rectron Semiconductor
CZMA27V RECTRON-CZMA27V Datasheet
95Kb / 1P
   SILICON PLANAR VOLTAGE DUAL ZENER DIODE
logo
Renesas Technology Corp
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Toshiba Semiconductor
1AZ330 TOSHIBA-1AZ330 Datasheet
181Kb / 3P
   ZENER DIODE ( CONSTANT VOLTAGE REGULATION)
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com