Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550-3640 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 550-3640
Description  R F Choke, moulded, axial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

550-3640 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  550-3640 Datasheet HTML 1Page - CAMBION Electronic Components 550-3640 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Tuesday, 18 February 2003
Page 2 of 2
TOLERANCE (YY)
-01
±5%
Gold
-02
±10%
Silver
-03
±20%
None
-02 - Standard, others made to order
PACKAGING (ZZ)
-00
Loose
-36
Taped
Temperature range:
-01 to -37: -55
°C το +125°C
-39 to -57: -55
°C το +105°C


Similar Part No. - 550-3640

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-3605 DIALIGHT-550-3605 Datasheet
31Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Common Cathode
550-3609 DIALIGHT-550-3609 Datasheet
30Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Common Cathode
More results

Similar Description - 550-3640

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
550-3399 CAMBION-550-3399 Datasheet
37Kb / 2P
   R F Choke, moulded, axial
550-3711 CAMBION-550-3711 Datasheet
29Kb / 1P
   R F Choke, moulded, axial
550-3712 CAMBION-550-3712 Datasheet
29Kb / 1P
   R F Choke, moulded, axial
551-5172 CAMBION-551-5172 Datasheet
30Kb / 1P
   R F Choke, moulded, axial
550-2960 CAMBION-550-2960 Datasheet
32Kb / 2P
   R F Choke, moulded, axial
550-3710 CAMBION-550-3710 Datasheet
30Kb / 1P
   R F Choke, moulded, axial
551-5169 CAMBION-551-5169 Datasheet
30Kb / 1P
   R F Choke, moulded, axial
551-5180 CAMBION-551-5180 Datasheet
32Kb / 1P
   RF Choke, moulded, axial
550-8399 CAMBION-550-8399 Datasheet
36Kb / 2P
   R F Choke, epoxy dipped, axial
550-8640 CAMBION-550-8640 Datasheet
37Kb / 2P
   R F Choke, epoxy dipped, axial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com