Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKS152KK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RKS152KK
Description  Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKS152KK Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKS152KK Datasheet HTML 1Page - Renesas Technology Corp RKS152KK Datasheet HTML 2Page - Renesas Technology Corp RKS152KK Datasheet HTML 3Page - Renesas Technology Corp RKS152KK Datasheet HTML 4Page - Renesas Technology Corp RKS152KK Datasheet HTML 5Page - Renesas Technology Corp RKS152KK Datasheet HTML 6Page - Renesas Technology Corp RKS152KK Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RKS152KK
Preliminary
REJ03G1872-0100 Rev.1.00 Jan 28, 2010
Page 2 of 4
Absolute Maximum Ratings
(Ta = 25 C)
Item
Symbol
Value
Unit
Reverse voltage
VR
35
V
Power dissipation
Pd
150
mW
Junction temperature
Tj
150
C
Storage temperature
Tstg
–55to +150
C
Electrical Characteristics
(Ta = 25 C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
VF
1.0
V
IF = 10 mA
Reverse current
IR
50
nA
VR = 30 V
C1.5
1.5
1.9
pF
VR = 1.5 V, f = 1 MHz
Capacitance
C25
0.70
1.0
pF
VR = 25 V, f = 1 MHz
Forward resistance
rf
0.7
IF = 2 mA, f = 100 MHz
Note
For SFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is
considered as unquestioned. Please kindly consider soldering nature.


Similar Part No. - RKS152KK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKS152KJ RENESAS-RKS152KJ Datasheet
180Kb / 7P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS152KJP RENESAS-RKS152KJP Datasheet
180Kb / 7P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS152KJR RENESAS-RKS152KJR Datasheet
180Kb / 7P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
More results

Similar Description - RKS152KK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKS152KJ RENESAS-RKS152KJ Datasheet
180Kb / 7P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
HSC277 RENESAS-HSC277 Datasheet
75Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Hitachi Semiconductor
HSC277 HITACHI-HSC277 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Renesas Technology Corp
RKS1510DKK RENESAS-RKS1510DKK Datasheet
247Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS1500DKK RENESAS-RKS1500DKK Datasheet
80Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Hitachi Semiconductor
HSU277 HITACHI-HSU277 Datasheet
27Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Renesas Technology Corp
RKS151KJ RENESAS-RKS151KJ Datasheet
53Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS151KK RENESAS-RKS151KK Datasheet
53Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
RKS1510DKJ RENESAS-RKS1510DKJ Datasheet
246Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
logo
Hitachi Semiconductor
1SS277 HITACHI-1SS277 Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Diode for UHF/VHF tuner Band Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com