Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD45241 Datasheet(PDF) 4 Page - Rohm

Part # BD45241
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD45241 Datasheet(HTML) 4 Page - Rohm

  BD45241 Datasheet HTML 1Page - Rohm BD45241 Datasheet HTML 2Page - Rohm BD45241 Datasheet HTML 3Page - Rohm BD45241 Datasheet HTML 4Page - Rohm BD45241 Datasheet HTML 5Page - Rohm BD45241 Datasheet HTML 6Page - Rohm BD45241 Datasheet HTML 7Page - Rohm BD45241 Datasheet HTML 8Page - Rohm BD45241 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Note
4/9
BD45
□□□G, BD46□□□G series
www.rohm.com
2009.05 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Reference Data (Unless specified otherwise, Ta=25°C)
Fig.3 Circuit Current
0.0
0.5
1.0
1.5
2.0
01
2
3
45
6
78
9 10
VDD SUPPLY VOLTAGE
:VDD[V]
【BD45281G】
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE
: VDS[V]
VDD=1.2V
【BD45281G】
VDD=2.4V
Fig.4 “Low” Output Current
0
5
10
15
20
01
2
3
45
6
DRAIN-SOURCE VOLTAGE
: VDS[V]
【BD46281G】
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
VDD SUPPLY VOLTAGE
:VDD[V]
【BD45421G】
Ta=25℃
Ta=25℃
0
5
10
15
20
01234
56789
10
ER VOLTAGE
: VER[V]
【BD46281G】
Fig.7 ER Terminal Threshold Voltage
Fig.10 Circuit Current when ON
(VDET-0.2V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
TEMPERATURE
: Ta[℃]
【BD45421G】
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-40
-20
0
20
40
60
80
100
TEMPERATURE
: Ta[℃]
【BD45421G】
Fig.11 Circuit Current when OFF
Fig.8 ER Terminal Input Current
0
5
10
15
20
012345
6789
10
ER VOLTAGE
: VER[V]
【BD45421G】
0.0
0.5
1.0
1.5
-40
-20
0
20
40
60
80
100
TEMPERATURE
: Ta[℃]
【BD45421G】
Fig.12 Operating Limit Voltage
Fig.9 Detection Voltage
Release Voltage
3.0
3.4
3.8
4.2
4.6
5.0
5.4
5.8
-40
0
40
80
TEMPERATURE
: Ta[℃]
Low to high(VDET+
ΔVDET)
High to low(VDET)
【BD45421G】
Fig.13 Output Delay Time
“Low”
”High”
0
50
100
150
200
250
-60 -40 -20
0
20
40
60
80 100 120
TEMPERATURE
: Ta[℃]
【BD4528□G】
BD45282G
BD45281G
BD45285G
0
10
20
30
40
50
-60 -40 -20
0
20
40
60
80 100 120
TEMPERATURE
: Ta[℃]
【BD45281G tPHL
Fig.14 Output Delay Time
“High”
”Low”


Similar Part No. - BD45241

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45241 ROHM-BD45241 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD45241 ROHM-BD45241 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45241 ROHM-BD45241 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45241G ROHM-BD45241G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD45241G ROHM-BD45241G Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results

Similar Description - BD45241

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com