Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD45241 Datasheet(PDF) 7 Page - Rohm

Part # BD45241
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD45241 Datasheet(HTML) 7 Page - Rohm

Back Button BD45241 Datasheet HTML 2Page - Rohm BD45241 Datasheet HTML 3Page - Rohm BD45241 Datasheet HTML 4Page - Rohm BD45241 Datasheet HTML 5Page - Rohm BD45241 Datasheet HTML 6Page - Rohm BD45241 Datasheet HTML 7Page - Rohm BD45241 Datasheet HTML 8Page - Rohm BD45241 Datasheet HTML 9Page - Rohm BD45241 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Note
7/9
BD45
□□□G, BD46□□□G series
www.rohm.com
2009.05 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Examples of the power supply with resistor dividers
In applications where the power supply input terminal (VDD) of an IC with resistor dividers, it is possible that a through
current will momentarily flow into the circuit when the output logic switches, resulting in malfunctions (such as output
oscillatory state).
(Through-current is a current that momentarily flows from the power supply (VDD) to ground (GND) when the output level
switches from “High” to “Low” or vice versa.)
Fig.21
A voltage drop of [the through-current (I1)] × [input resistor (R2)] is caused by the through current, and the input voltage to
descends, when the output switches from “Low” to “High”. When the input voltage decreases and falls below the detection
voltage, the output voltage switches from “High” to “Low”. At this time, the through-current stops flowing through output
“Low”, and the voltage drop is eliminated. As a result, the output switches from “Low” to “High”, which again causes the
through current to flow and the voltage drop. This process is repeated, resulting in oscillation.
Fig.22 Current Consumption vs. Power Supply Voltage
VOUT
R2
VDD
BD45□□□G
BD46□□□G
GND
R1
I1
V1
ER
CIN
CL
IDD
VDD
VDET
0
Through Current


Similar Part No. - BD45241

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45241 ROHM-BD45241 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD45241 ROHM-BD45241 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45241 ROHM-BD45241 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45241G ROHM-BD45241G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD45241G ROHM-BD45241G Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results

Similar Description - BD45241

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com