Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD45241 Datasheet(PDF) 8 Page - Rohm

Part # BD45241
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD45241 Datasheet(HTML) 8 Page - Rohm

Back Button BD45241 Datasheet HTML 2Page - Rohm BD45241 Datasheet HTML 3Page - Rohm BD45241 Datasheet HTML 4Page - Rohm BD45241 Datasheet HTML 5Page - Rohm BD45241 Datasheet HTML 6Page - Rohm BD45241 Datasheet HTML 7Page - Rohm BD45241 Datasheet HTML 8Page - Rohm BD45241 Datasheet HTML 9Page - Rohm BD45241 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Technical Note
8/9
BD45
□□□G, BD46□□□G series
www.rohm.com
2009.05 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Operation Notes
(1) Absolute maximum range
Absolute Maximum Ratings are those values beyond which the life of a device may be destroyed. We cannot be defined the
failure mode, such as short mode or open mode. Therefore a physical security countermeasure, like fuse, is to be given
when a specific mode to be beyond absolute maximum ratings is considered.
(2) GND potential
GND terminal should be a lowest voltage potential every state.
Please make sure all pins, which are over ground even if, include transient feature.
(3) Electrical Characteristics
Be sure to check the electrical characteristics that are one the tentative specification will be changed by temperature,
supply voltage, and external circuit.
(4) Bypass Capacitor for Noise Rejection
Please put into the capacitor of 1µF or more between VDD pin and GND, and the capacitor of about 1000pF between VOUT
pin and GND, to reject noise. If extremely big capacitor is used, transient response might be late. Please confirm sufficiently
for the point.
(5) Short Circuit between Terminal and Soldering
Don’t short-circuit between Output pin and VDD pin, Output pin and GND pin, or VDD pin and GND pin. When soldering the
IC on circuit board, please be unusually cautious about the orientation and the position of the IC. When the orientation is
mistaken the IC may be destroyed.
(6) Electromagnetic Field
Mal-function may happen when the device is used in the strong electromagnetic field.
(7) The VDD line inpedance might cause oscillation because of the detection current.
(8) A VDD -GND capacitor (as close connection as possible) should be used in high VDD line impedance condition.
(9) Lower than the mininum input voltage makes the VOUT high impedance, and it must be VDD in pull up (VDD) condition.
(10) This IC has extremely high impedance terminals. Small leak current due to the uncleanness of PCB surface might
cause unexpected operations. Application values in these conditions should be selected carefully. If the leakage of about
1M
Ω is assumed between the ER terminal and the GND terminal, 100kΩ connection between the ER terminal and the
VDD terminal would be recommended. If the leakage is assumed between the VOUT terminal and the GND terminal, the
pull-up resistor should be less than 1/10 of the assumed leak resistance.
(11) External parameters
The recommended parameter range for RL is 50k
Ω~1MΩ. There are many factors (board layout, etc) that can affect
characteristics. Please verify and confirm using practical applications.
(12) Power on reset operation
Please note that the power on reset output varies with the VDD rise up time. Please verify the actual operation.
(13) Precautions for board inspection
Connecting low-impedance capacitors to run inspections with the board may produce stress on the IC. Therefore, be
certain to use proper discharge procedure before each process of the test operation.
To prevent electrostatic accumulation and discharge in the assembly process, thoroughly ground yourself and any
equipment that could sustain ESD damage, and continue observing ESD-prevention procedures in all handing, transfer
and storage operations. Before attempting to connect components to the test setup, make certain that the power supply is
OFF. Likewise, be sure the power supply is OFF before removing any component connected to the test setup.
(14) When the power supply, is turned on because of in certain cases, momentary Rash-current flow into the IC at the
logic unsettled, the couple capacitance, GND pattern of width and leading line must be considered.


Similar Part No. - BD45241

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45241 ROHM-BD45241 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD45241 ROHM-BD45241 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45241 ROHM-BD45241 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45241G ROHM-BD45241G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD45241G ROHM-BD45241G Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results

Similar Description - BD45241

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com