Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4833 Datasheet(PDF) 2 Page - Rohm

Part # BD4833
Description  Standard CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4833 Datasheet(HTML) 2 Page - Rohm

  BD4833 Datasheet HTML 1Page - Rohm BD4833 Datasheet HTML 2Page - Rohm BD4833 Datasheet HTML 3Page - Rohm BD4833 Datasheet HTML 4Page - Rohm BD4833 Datasheet HTML 5Page - Rohm BD4833 Datasheet HTML 6Page - Rohm BD4833 Datasheet HTML 7Page - Rohm BD4833 Datasheet HTML 8Page - Rohm BD4833 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical Note
2/9
BD48
□□G, BD48□□FVE, BD49□□G, BD49□□FVE series
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
 Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD-GND
-0.3 ~ +10
V
Output Voltage
Nch Open Drain Output
VOUT
GND-0.3 ~ +10
V
CMOS Output
GND-0.3 ~ VDD+0.3
Power
Dissipation
SSOP5
*1*3
Pd
540
mW
VSOF5
*2*3
210
Operating Temperature
Topr
-40 ~ +105
°C
Ambient Storage Temperature
Tstg
-55 ~ +125
°C
*1
Use above Ta=25°C results in a 5.4mW loss per degree.
*2
Use above Ta=25°C results in a 2.1mW loss per degree.
*3
When a ROHM standard circuit board (70mm×70mm×1.6mm glass epoxy board) is mounted.
 Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Detection Voltage
VS
RL=470k
Ω, VDD=HL
*1
VS(T)
×0.99
VS(T)
VS(T)
×1.01
V
Output Delay Time “L
H”
tPLH
CL=100pF R=100k
*2
Vout=GND
50%
-
-
100
µs
Circuit Current when ON
ICC1
VDD=VS-0.2V
*1
VS=2.3-3.1V
-
0.51
1.53
µA
VS=3.2-4.2V
-
0.56
1.68
VS=4.3-5.2V
-
0.60
1.80
VS=5.3-6.0V
-
0.66
1.98
Circuit Current when OFF
ICC2
VDD=VS+2.0V
*1
VS=2.3-3.1V
-
0.75
2.25
µA
VS=3.2-4.2V
-
0.80
2.40
VS=4.3-5.2V
-
0.85
2.55
VS=5.3-6.0V
-
0.90
2.70
Minimum Operating Voltage
VOPL
VOL
≤0.4V, Ta=25~105°C, RL=470kΩ
0.95
-
-
V
VOL
≤0.4V, Ta=-40~25°C, RL=470kΩ
1.20
-
-
‘Low’Output Current (Nch)
IOL
VDS=0.5V, VDD=1.5V, VS=2.3-6.0V
0.4
1.0
-
mA
VDS=0.5V, VDD=2.4V, VS=2.7-6.0V
2.0
4.0
-
‘High’Output Current (Pch)
(BD49
□□G/FVE)
IOH
VDS=0.5V, VDD=4.8V, VS=2.3-4.2V
0.7
1.4
-
mA
VDS=0.5V, VDD=6.0V, VS=4.3-5.2V
0.9
1.8
-
VDS=0.5V, VDD=8.0V, VS=5.3-6.0V
1.1
2.2
-
Leak Current when OFF
(BD48
□□G/FVE)
Ileak
VDD=VDS=10V
*1
-
-
0.1
µA
Detection Voltage
Temperature coefficient
VS/
∆T
Ta=-40°C to 105°C
(Designed Guarantee)
-
±100
±360
ppm/°C
Hysteresis Voltage
∆VS
VDD=L
HL
VS×0.03 VS×0.05 VS×0.08
V
V
S(T) :
Standard Detection Voltage(2.3V to 6.0V, 0.1V step)
R
L:
Pull-up resistor to be connected between VOUT and power supply.
C
L:
Capacitor to be connected between VOUT and GND.
Designed Guarantee. (Outgoing inspection is not done on all products.)
*1
Guarantee is Ta=25°C.
*2
tPLH:VDD=(Vs typ.-0.5V)
(Vs typ.+0.5V)


Similar Part No. - BD4833

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4833 ROHM-BD4833 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833 ROHM-BD4833 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4833 ROHM-BD4833 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4833 ROHM-BD4833 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4833 ROHM-BD4833 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4833

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com