Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5228 Datasheet(PDF) 4 Page - Rohm

Part # BD5228
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5228 Datasheet(HTML) 4 Page - Rohm

  BD5228 Datasheet HTML 1Page - Rohm BD5228 Datasheet HTML 2Page - Rohm BD5228 Datasheet HTML 3Page - Rohm BD5228 Datasheet HTML 4Page - Rohm BD5228 Datasheet HTML 5Page - Rohm BD5228 Datasheet HTML 6Page - Rohm BD5228 Datasheet HTML 7Page - Rohm BD5228 Datasheet HTML 8Page - Rohm BD5228 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Note
4/9
BD52
□□G, BD52□□FVE, BD53□□G, BD53□□FVE series
www.rohm.com
2009.06 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
 Reference Data (Unless specified otherwise, Ta=25°C)
Fig.3 Circuit Current
0.0
0.5
1.0
1.5
2.0
01
2
3
45
6
78
9 10
VDD SUPPLY VOLTAGE
:VDD[V]
【BD5242G/FVE】
0
3
6
9
12
15
18
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE
: VDS[V]
【BD5242G/FVE】
VDD=2.4V
VDD=1.2V
Fig.4 “Low” Output Current
0
5
10
15
20
25
30
35
40
45
01
2
3
45
6
DRAIN-SOURCE VOLTAGE
: VDS[V]
【BD5342G/FVE】
VDD=8.0V
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
VDD SUPPLY VOLTAGE
: VDD[V]
【BD5242G/FVE】
Fig.7 Operating Limit Voltage
Fig.8 CT Terminal Current
0
50
100
150
200
250
300
350
400
450
01
23
45
VDD SUPPLY VOLTAGE
: VDD[V]
【BD5242G/FVE】
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
8
9
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
VDD SUPPLY VOLTAGE
:VDD[V]
【BD5242G/FVE】
Ta=25
Ta=25
3.0
3.4
3.8
4.2
4.6
5.0
5.4
-40
0
40
80
TEMPERATURE
: Ta[℃]
Low to high(VDET+
ΔVDET)
High to low(VDET)
【BD5242G/FVE】
Fig.9 Detection Voltage
Release Voltage
0.0
0.5
1.0
1.5
-40
-20
0
20
40
60
80
100
TEMPERATURE
: Ta[℃]
【BD5242G/FVE】
Fig.10 Circuit Current when ON
0.0
0.5
1.0
1.5
-40
-20
0
20
40
60
80
100
TEMPERATURE
: Ta[℃]
【BD5242G/FVE】
Fig.11 Circuit Current when OFF
0.0
0.5
1.0
1.5
-40
-20
0
20
40
60
80
100
TEMPERATURE
: Ta[℃]
【BD5242G/FVE】
Fig.12 Operating Limit Voltage
0
1
2
3
4
5
6
7
8
9
10
11
12
13
-40
-20
0
20
40
60
80
100
TEMPERATURE
: Ta[℃]
【BD5242G/FVE】
Fig.13 Ct Terminal Circuit Resistance
0.001
0.01
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
CAPACITANCE OF CT
: CCT[μF]
【BD5242G/FVE】
Fig.14 Delay Time (TPLH) and
CT Terminal External Capacitance


Similar Part No. - BD5228

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5228 ETC-BD5228 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD5228 ROHM-BD5228 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
logo
List of Unclassifed Man...
BD5228 ETC1-BD5228 Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD5228 ROHM-BD5228 Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228 ROHM-BD5228 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5228

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com