Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF90SK60T1G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGF90SK60T1G
Description  Buck chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF90SK60T1G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGF90SK60T1G Datasheet HTML 1Page - Microsemi Corporation APTGF90SK60T1G Datasheet HTML 2Page - Microsemi Corporation APTGF90SK60T1G Datasheet HTML 3Page - Microsemi Corporation APTGF90SK60T1G Datasheet HTML 4Page - Microsemi Corporation APTGF90SK60T1G Datasheet HTML 5Page - Microsemi Corporation APTGF90SK60T1G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTGF90SK60T1G
www.microsemi.com
5 – 6
VGE = 15V
15
20
25
30
35
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-On Delay Time vs Collector Current
Tj = 25°C
VCE = 400V
RG = 5Ω
VGE=15V,
TJ=25°C
VGE=15V,
TJ=125°C
50
100
150
200
250
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-Off Delay Time vs Collector Current
VCE = 400V
RG = 5Ω
VGE=15V,
TJ=125°C
0
20
40
60
80
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Current Rise Time vs Collector Current
VCE = 400V
RG = 5Ω
TJ = 25°C
TJ = 125°C
0
20
40
60
80
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Current Fall Time vs Collector Current
VCE = 400V, VGE = 15V, RG = 5Ω
TJ=25°C,
VGE=15V
TJ=125°C,
VGE=15V
0
2
4
6
8
0
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-On Energy Loss vs Collector Current
VCE = 400V
RG = 5Ω
TJ = 25°C
TJ = 125°C
0
1
2
3
4
5
6
0
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-Off Energy Loss vs Collector Current
VCE = 400V
VGE = 15V
RG = 5Ω
Eon, 180A
Eoff, 180A
Eon, 90A
Eoff, 90A
Eon, 45A
Eoff, 45A
0
4
8
12
16
0
1020
3040
50
Gate Resistance (Ohms)
Switching Energy Losses vs Gate Resistance
VCE = 400V
VGE = 15V
TJ= 125°C
Eon, 180A
Eoff, 180A
Eon, 90A
Eoff, 90A
Eon, 45A
Eoff, 45A
0
2
4
6
8
10
25
50
75
100
125
TJ, Junction Temperature (°C)
Switching Energy Losses vs Junction Temp.
VCE = 400V
VGE = 15V
RG = 5Ω


Similar Part No. - APTGF90SK60T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF90SK60T3AG MICROSEMI-APTGF90SK60T3AG Datasheet
208Kb / 5P
   Buck chopper NPT IGBT Power Module Power Module
logo
Advanced Power Technolo...
APTGF90SK60TG ADPOW-APTGF90SK60TG Datasheet
309Kb / 6P
   Buck chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90SK60TG MICROSEMI-APTGF90SK60TG Datasheet
287Kb / 6P
   Buck chopper NPT IGBT Power Module
More results

Similar Description - APTGF90SK60T1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF90SK60D1 ADPOW-APTGF90SK60D1 Datasheet
169Kb / 3P
   Buck chopper NPT IGBT Power Module
APTGF100SK120T ADPOW-APTGF100SK120T Datasheet
294Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF300SK120 ADPOW-APTGF300SK120 Datasheet
302Kb / 5P
   Buck chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50SK120TG MICROSEMI-APTGF50SK120TG Datasheet
286Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF100SK120TG MICROSEMI-APTGF100SK120TG Datasheet
287Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF200SK120D3G MICROSEMI-APTGF200SK120D3G Datasheet
217Kb / 5P
   Buck Chopper NPT IGBT Power Module
APTGF300SK120D3G MICROSEMI-APTGF300SK120D3G Datasheet
218Kb / 5P
   Buck Chopper NPT IGBT Power Module
APTGF75SK60D1 MICROSEMI-APTGF75SK60D1 Datasheet
173Kb / 3P
   Buck Chopper NPT IGBT Power Module
APTGF180SK60TG MICROSEMI-APTGF180SK60TG Datasheet
288Kb / 6P
   Buck chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF350SK60 ADPOW-APTGF350SK60 Datasheet
289Kb / 6P
   Buck chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com