Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2055AFJ Datasheet(PDF) 10 Page - Rohm

Part # BD2055AFJ
Description  1ch Small Current Output USB High Side Switch ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2055AFJ Datasheet(HTML) 10 Page - Rohm

Back Button BD2055AFJ Datasheet HTML 5Page - Rohm BD2055AFJ Datasheet HTML 6Page - Rohm BD2055AFJ Datasheet HTML 7Page - Rohm BD2055AFJ Datasheet HTML 8Page - Rohm BD2055AFJ Datasheet HTML 9Page - Rohm BD2055AFJ Datasheet HTML 10Page - Rohm BD2055AFJ Datasheet HTML 11Page - Rohm BD2055AFJ Datasheet HTML 12Page - Rohm BD2055AFJ Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BD2045AFJ, BD2055AFJ
Technical Note
10/12
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0
100
200
300
400
500
600
0
25
50
75
100
125
150
AMBIENT TEMPERATURE: Ta [℃]
Typical application circuit
IN
OUT
Regulator
OUT
OUT
OUT
IN
IN
/OC
GND
VBUS
D-
D+
GND
USB
Controller
VBUS
D-
D+
GND
5V(typ.)
10k~
100kΩ
CL
CIN
-
+
EN(/EN)
Ferrite
Beads
Ferrite
Beads
Fig.40 Typical application circuit
Application information
When excessive current flows owing to output shortcircuit or so, ringing occurs by inductance of power source line to IC, and
may cause bad influences upon IC actions. In order to avoid this case, connect a bypath capacitor by IN terminal and GND
terminal of IC. 1μF or higher is recommended.
Pull up /OC output by resistance 10kΩ to 100kΩ.
Set up value which satisfies the application as CL and Ferrite Beads.
This system connection diagram doesn’t guarantee operating as the application.
The external circuit constant and so on is changed and it uses, in which there are adequate margins by taking into account
external parts or dispersion of IC including not only static characteristics but also transient characteristics.
Power dissipation character
(SOP-J8)
Fig.41 Power dissipation curve (Pd-Ta Curve)


Similar Part No. - BD2055AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2055AFJ ROHM-BD2055AFJ Datasheet
312Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2055AFJ ROHM-BD2055AFJ Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2055AFJ-E2 ROHM-BD2055AFJ-E2 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
More results

Similar Description - BD2055AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com