Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

555-1608 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 555-1608
Description  SMT Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

555-1608 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  555-1608 Datasheet HTML 1Page - CAMBION Electronic Components 555-1608 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.co.uk Email: enquiries@cambion.co.uk
Specifications subject to change without notice
Page 2 of 2
Copyright© Cambion® Tuesday, 21 October 2003
Configuration & Dimensions
Landing Pattern
All dimensions in mm
Type
A
(max)
B
(max)
C
± 0.3
D
± 0.3
E
± 0.3
F
± 0.3
G
± 0.3
H
± 0.3
I
J
K
1608
6.60
4.45
4.00
2.92
1.27
1.02
4.32
2.50
3.56
1.40
4.06
Reel Dimensions
Part No.
Dimensions of Reel
Pieces per Reel
Series
A
B
C
W
178mm
330mm
1608
178/330
62/100
± 0.1
13.0
±0.5
16.3
750
2500
Embossed Plastic Carrier Tape Dimension
A0
4.25
± 0.10
B0
6.50
± 0.10
K0
3.00
± 0.10
P
8.00
± 0.10
P0
4.00
± 0.10
P2
2.00
± 0.10
W
16.00
± 0.30
t
0.35
Test frequency
-
100kHz @ 0.1V
Current (max)
-
30
°C temperature rise
Operating temperature
-
- 40
°C ~ +85 °C
C
B
W
A
Feed direction
A0
W
P
P2
P0
t
B0
K0
A
B
G
H
F
E
C
D
K
I
J


Similar Part No. - 555-1608

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
555-1008 CAMBION-555-1008 Datasheet
42Kb / 2P
   Chip inductors, wire wound, surface mount, 1008 package
logo
List of Unclassifed Man...
555-13885 ETC-555-13885 Datasheet
88Kb / 1P
   Wall Mount Speaker Bracket for 35mm Pole Mount Speakers
03/01/19 V1.0
More results

Similar Description - 555-1608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM5022S-101M ETC2-PM5022S-101M Datasheet
129Kb / 1P
   Shielded, SMT Power Inductors
logo
Productwell Precision E...
100 PRODUCTWELL-100 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
logo
List of Unclassifed Man...
PM1608S-103M ETC2-PM1608S-103M Datasheet
115Kb / 1P
   Shielded, SMT Power Inductors
PM105SB ETC-PM105SB Datasheet
164Kb / 1P
   Shielded, SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA0040NL PULSE-PA0040NL Datasheet
73Kb / 1P
   SMT POWER INDUCTORS Shielded Toroid
logo
Abracon Corporation
ASPI_SERIES ABRACON-ASPI_SERIES Datasheet
378Kb / 2P
   MINI SHIELDED SMT POWER INDUCTORS
logo
Pulse A Technitrol Comp...
PF0552NL PULSE-PF0552NL Datasheet
320Kb / 4P
   SMT POWER INDUCTORS Shielded Drum Core
logo
XFMRS Inc.
XFTPRH104-331K XFMRS-XFTPRH104-331K Datasheet
38Kb / 1P
   HIGH CURRENT SHIELDED SMT INDUCTORS
logo
Pulse A Technitrol Comp...
SPM2007 PULSE-SPM2007_24 Datasheet
234Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
SPM2006 PULSE-SPM2006_22 Datasheet
129Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1167 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com