Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5347 Datasheet(PDF) 6 Page - Rohm

Part # BD5347
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5347 Datasheet(HTML) 6 Page - Rohm

Back Button BD5347 Datasheet HTML 2Page - Rohm BD5347 Datasheet HTML 3Page - Rohm BD5347 Datasheet HTML 4Page - Rohm BD5347 Datasheet HTML 5Page - Rohm BD5347 Datasheet HTML 6Page - Rohm BD5347 Datasheet HTML 7Page - Rohm BD5347 Datasheet HTML 8Page - Rohm BD5347 Datasheet HTML 9Page - Rohm BD5347 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Technical Note
6/9
BD52
□□G, BD52□□FVE, BD53□□G, BD53□□FVE series
www.rohm.com
2009.06 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
 Circuit Applications
1) Examples of a common power supply detection reset circuit
Application examples of BD52
□□G/FVE series (Open
Drain output type) and BD53
□□G/FVE series (CMOS
output type) are shown below.
CASE1: the power supply of the microcontroller (VDD2)
differs from the power supply of the reset detection
(VDD1).
Use the open drain output type (BD52
□□G/FVE) attached
a load resistance (RL) between the output and VDD2. (As
shown Fig.15)
CASE2: the power supply of the microcontroller (VDD1) is
same as the power supply of the reset detection (VDD1).
Use CMOS output type (BD53
□□G/FVE) or open drain
output type (BD52
□□G/FVE) attached a load resistance
(RL) between the output and Vdd1. (As shown Fig.16)
When a capacitance CL for noise filtering is connected to
the VOUT pin (the reset signal input terminal of the
microcontroller), please take into account the waveform of
the rise and fall of the output voltage (VOUT).
2) The following is an example of a circuit application in which an OR connection between two types of detection voltages
resets the microcontroller.
When there are many power supplies of the system, power supplies VDD1 and VDD2 are being monitored separately, and it is
necessary to reset the microcomputer, it is possible to use an OR connection on the open drain output type BD52
□□G/FVE
series to pull-up to the desired voltage (VDD3) as shown in Fig.17 and make the output “High” voltage matches the power
supply voltage VDD3 of the microcontroller.
VDD1
BD52□□□
VDD2
GND
Microcontroller
CL
(Noise-filtering
Capacitor)
CT
RL
Fig.18 Open Collector Output Type
CL
(Noise-filtering
Capacitor)
VDD1
BD53□□□
Microcontroller
CT
GND
Fig.19 CMOS Output Type
VDD1
VDD3
GND
RST
microcontroller
CT
RL
VDD2
CT
BD52□□□
NO.1
BD52□□□
NO.2
Fig.20


Similar Part No. - BD5347

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5347 ETC-BD5347 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD5347 ROHM-BD5347 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
logo
List of Unclassifed Man...
BD5347 ETC1-BD5347 Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD5347 ROHM-BD5347 Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5347 ROHM-BD5347 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5347

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com