Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4948 Datasheet(PDF) 6 Page - Rohm

Part # BD4948
Description  Standard CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4948 Datasheet(HTML) 6 Page - Rohm

Back Button BD4948 Datasheet HTML 2Page - Rohm BD4948 Datasheet HTML 3Page - Rohm BD4948 Datasheet HTML 4Page - Rohm BD4948 Datasheet HTML 5Page - Rohm BD4948 Datasheet HTML 6Page - Rohm BD4948 Datasheet HTML 7Page - Rohm BD4948 Datasheet HTML 8Page - Rohm BD4948 Datasheet HTML 9Page - Rohm BD4948 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Technical Note
6/9
BD48
□□G, BD48□□FVE, BD49□□G, BD49□□FVE series
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
 Circuit Applications
1) Examples of a common power supply detection reset circuit.
Application examples of BD48
□□G/FVE series (Open
Drain output type) and BD49
□□G/FVE series (CMOS
output type) are shown below.
CASE1: the power supply of the microcontroller (VDD2)
differs from the power supply of the reset detection
(VDD1).
Use the open drain output type (BD48
□□G/FVE) attached
a load resistance (RL) between the output and VDD2. (As
shown Fig.15)
CASE2: the power supply of the microcontroller (VDD1) is
same as the power supply of the reset detection (VDD1).
Use CMOS output type (BD49
□□G/FVE) or open drain
output type (BD48
□□G/FVE) attached a load resistance
(RL) between the output and Vdd1. (As shown Fig.16)
When a capacitance CL for noise filtering is connected to
the VOUT pin (the reset signal input terminal of the
microcontroller), please take into account the waveform of
the rise and fall of the output voltage (VOUT).
2) The following is an example of a circuit application in which an OR connection between two types of detection voltages
resets the microcontroller.
When there are many power supplies of the system, power supplies VDD1 and VDD2 are being monitored separately, and
it is necessary to reset the microcomputer, it is possible to use an OR connection on the open drain output type
BD48
□□G/FVE series to pull-up to the desired voltage (VDD3) as shown in Fig.17 and make the output “High” voltage
matches the power supply voltage VDD3 of the microcontroller.
VDD2
VDD1
VDD3
GND
Microcontroller
RL
BD48□□□
BD48□□□
RST
VDD1
BD48□□□
VDD2
GND
Microcontroller
CL
(Noise-filtering
Capacitor)
RL
Fig.15 Open Collector Output Type
CL
(Noise-filtering
Capacitor)
VDD1
BD49□□□
Microcontroller
GND
Fig.16 CMOS Output Type
Fig.17


Similar Part No. - BD4948

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4948 ROHM-BD4948 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4948 ROHM-BD4948 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4948 ROHM-BD4948 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4948 ROHM-BD4948 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4948 ROHM-BD4948 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4948

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com