Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD46415 Datasheet(PDF) 2 Page - Rohm

Part # BD46415
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD46415 Datasheet(HTML) 2 Page - Rohm

  BD46415 Datasheet HTML 1Page - Rohm BD46415 Datasheet HTML 2Page - Rohm BD46415 Datasheet HTML 3Page - Rohm BD46415 Datasheet HTML 4Page - Rohm BD46415 Datasheet HTML 5Page - Rohm BD46415 Datasheet HTML 6Page - Rohm BD46415 Datasheet HTML 7Page - Rohm BD46415 Datasheet HTML 8Page - Rohm BD46415 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical Note
2/9
BD45
□□□G, BD46□□□G series
www.rohm.com
2009.05 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
 Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD-GND
-0.3 ~ +10
V
Output Voltage
Nch Open Drain Output
VOUT
GND-0.3 ~ +10
V
CMOS Output
GND-0.3 ~ VDD+0.3
ER pin Voltage
VCT
GND-0.3 ~ VDD+0.3
V
Power Dissipation
*1 *2
Pd
540
mW
Operating Temperature
Topr
-40 ~ +105
°C
Ambient Storage Temperature
Tstg
-55 ~ +125
°C
*1
Use above Ta=25°C results in a 5.4mW loss per degree.
*2
When mounted on a 70mm×70mm×1.6mm glass epoxy board.
 Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Detection Voltage
VDET
VDD=H
L, RL=470k
*1
VDET(T)
×0.99
VDET(T)
VDET(T)
×1.01
V
Detection Voltage
Temperature coefficient
VDET/
∆T
-40°C~+105°C
-
±100
±360
ppm/°C
Hysteresis Voltage
∆VDET
VDD=L
HL, RL=470k
VDET(T)
×0.03
VDET(T)
×0.05
VDET(T)
×0.08
V
‘High’ Output
Delay time
tPLH
CL=100pF,
RL=100k
*1, *2, *3
BD4XXX5G
45
50
55
ms
BD4XXX1G
90
100
110
BD4XXX2G
180
200
220
Circuit Current
when ON
IDD1
VDD=VDET-0.2V, VER=0V VDET=2.3V~3.1V
*1
-
0.70
2.10
µA
VDD=VDET-0.2V, VER=0V VDET=2.3V~3.1V
-
0.70
2.85
VDD=VDET-0.2V, VER=0V VDET=3.2V~4.2V
*1
-
0.75
2.25
VDD=VDET-0.2V, VER=0V VDET=3.2V~4.2V
-
0.75
3.00
VDD=VDET-0.2V, VER=0V VDET=4.3V~4.8V
*1
-
0.80
2.40
VDD=VDET-0.2V, VER=0V VDET=4.3V~4.8V
-
0.80
3.15
Circuit Current
when OFF
IDD2
VDD=VDET+0.2V, VER=0V VDET=2.3V~3.1V
*1
-
0.75
2.25
µA
VDD=VDET+0.2V, VER=0V VDET=2.3V~3.1V
-
0.75
4.28
VDD=VDET+0.2V, VER=0V VDET=3.2V~4.2V
*1
-
0.80
2.40
VDD=VDET+0.2V, VER=0V VDET=3.2V~4.2V
-
0.80
4.50
VDD=VDET+0.2V, VER=0V VDET=4.3V~4.8V
*1
-
0.85
2.55
VDD=VDET+0.2V, VER=0V VDET=4.3V~4.8V
-
0.85
4.73
Operating Voltage Range
VOPL
VOL
≤0.4V, RL=470kΩ, Ta=25~105°C
0.95
-
-
V
VOL
≤0.4V, RL=470kΩ, Ta=-40~25°C
1.20
-
-
‘High’ Output Current
IOH
VDS=0.5V,VDD=6.0V,VDET
≥4.3V
1.2
2.7
-
mA
‘Low’Output Current (Nch)
IOL
VDS=0.5V, VDD=1.2V
0.4
1.2
-
mA
VDS=0.5V, VDD=2.4V VDET=2.7V~4.8V
2.0
5.0
-
Leak Current when OFF
Ileak
VDD=VDS=10V
*1
-
-
0.1
µA
ER Pin ‘H’ Voltage
VEH
*1
2.0
-
-
V
ER Pin ‘L’ Voltage
VEL
*1
-
-
0.8
V
ER Pin Input Current
IEL
-
1
10
µA
VDET(T):Standard Detection Voltage (2.3V to 4.8V, 0.1V step)
RL :Pull-up resistor to be connected between VOUT and power supply.
CL :Capacitor to be connected between VOUT and GND.
*1
Guarantee is Ta=25°C.
*2 tPLH:VDD=(VDET(T)-0.5V)
(VDET(T)+0.5V)
*3 tPLH:VDD=Please set up the rise up time between VDD=0
VDET more than 100µs.
Attention: Please connect the GND when you don’t use ‘ER’


Similar Part No. - BD46415

ManufacturerPart #DatasheetDescription
logo
Rohm
BD46415 ROHM-BD46415 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD46415 ROHM-BD46415 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD46415 ROHM-BD46415 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD46415 ROHM-BD46415 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD46415G ROHM-BD46415G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
More results

Similar Description - BD46415

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com