Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF150A60T3AG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGF150A60T3AG
Description  Phase leg NPT IGBT Power Module Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF150A60T3AG Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGF150A60T3AG Datasheet HTML 1Page - Microsemi Corporation APTGF150A60T3AG Datasheet HTML 2Page - Microsemi Corporation APTGF150A60T3AG Datasheet HTML 3Page - Microsemi Corporation APTGF150A60T3AG Datasheet HTML 4Page - Microsemi Corporation APTGF150A60T3AG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGF150A60T3AG
www.microsemi.com
4 – 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=125°C
TJ=125°C
0
50
100
150
200
250
300
350
400
0
0.5
11.5
22.5
33.5
VCE (V)
Output Characteristics
VGE=15V
VGE=12V
VGE=20V
VGE=9V
0
50
100
150
200
250
300
350
400
012
3
4
5
VCE (V)
TJ = 125°C
Transfert Characteristics
TJ=25°C
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
350
400
5678
9
10
11
12
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
0
3
6
9
12
0
100
200
300
400
IC (A)
VCE = 300V
VGE = 15V
RG = 1.5 Ω
TJ = 125°C
Eon
Eoff
0
2.5
5
7.5
10
02
46
8
10
Gate Resistance (ohms)
VCE = 300V
VGE =15V
IC = 200A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
100
200
300
400
500
0
100
200
300
400
500
600
VCE (V)
VGE=15V
TJ=125°C
RG=1.5 Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.04
0.08
0.12
0.16
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
IGBT


Similar Part No. - APTGF150A60T3AG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF150A120T ADPOW-APTGF150A120T Datasheet
277Kb / 5P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF150A120T3AG MICROSEMI-APTGF150A120T3AG Datasheet
203Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF150A120T3WG MICROSEMI-APTGF150A120T3WG Datasheet
208Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF150A120TG MICROSEMI-APTGF150A120TG Datasheet
257Kb / 5P
   Phase leg NPT IGBT Power Module
More results

Similar Description - APTGF150A60T3AG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF100A120T3AG MICROSEMI-APTGF100A120T3AG Datasheet
205Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF150A120T3AG MICROSEMI-APTGF150A120T3AG Datasheet
203Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF90A60T3AG MICROSEMI-APTGF90A60T3AG Datasheet
204Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF350A60G MICROSEMI-APTGF350A60G Datasheet
275Kb / 6P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150A120T ADPOW-APTGF150A120T Datasheet
277Kb / 5P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50A120T1G MICROSEMI-APTGF50A120T1G Datasheet
323Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF150A120T3WG MICROSEMI-APTGF150A120T3WG Datasheet
208Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF250A60D3G MICROSEMI-APTGF250A60D3G Datasheet
217Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF50A120T3WG MICROSEMI-APTGF50A120T3WG Datasheet
248Kb / 7P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF100A120T ADPOW-APTGF100A120T Datasheet
299Kb / 6P
   Phase leg NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com