Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD46255 Datasheet(PDF) 1 Page - Rohm

Part # BD46255
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD46255 Datasheet(HTML) 1 Page - Rohm

  BD46255 Datasheet HTML 1Page - Rohm BD46255 Datasheet HTML 2Page - Rohm BD46255 Datasheet HTML 3Page - Rohm BD46255 Datasheet HTML 4Page - Rohm BD46255 Datasheet HTML 5Page - Rohm BD46255 Datasheet HTML 6Page - Rohm BD46255 Datasheet HTML 7Page - Rohm BD46255 Datasheet HTML 8Page - Rohm BD46255 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2009.05 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Voltage Detector IC Series
Counter Timer Built-in
CMOS Voltage Detector IC
BD45
□□□G, BD46□□□G series
 Description
ROHM’s BD45
□□□G and BD46□□□G series are highly accurate, low current consumption reset IC series. Because the
counter timer delay circuit is built into those series, an external capacitor for the delay time setting is unnecessary. The
lineup was established with tow output types (Nch open drain and CMOS output) and detection voltages range from 2.3V to
4.8V in increments of 0.1V, so that the series may be selected according the application at hand.
 Features
1) Detection voltage: 2.3V to 4.8V (Typ.), 0.1V steps
2)
High accuracy detection voltage:±1.0%
3) Ultra-low current consumption: 0.85µA (Typ.)
4)
Operating temperature range: -40°C to +105°C
5) Three internal, fixed delay time: 50ms, 100ms and 200ms
6)
SSOP5 compact surface mount packages
7) Nch open drain output (BD45
□□□G), CMOS output (BD46□□□G)
 Applications
All electronic devices that use microcontrollers and logic circuits
 Selection Guide
 Lineup
Detection
Voltage
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
4.8V
T0
BD45485
TS
BD45481
UJ
BD45482
VA
BD46485
W2
BD46481
WU
BD46482
4.7V
T1
BD45475
TT
BD45471
UK
BD45472
VB
BD46475
W3
BD46471
WV
BD46472
4.6V
T2
BD45465
TU
BD45461
UL
BD45462
VC
BD46465
W4
BD46461
WW
BD46462
4.5V
T3
BD45455
TV
BD45451
UM
BD45452
VD
BD46455
W5
BD46451
WX
BD46452
4.4V
T4
BD45445
TW
BD45441
UN
BD45442
VE
BD46445
W6
BD46441
WY
BD46442
4.3V
T5
BD45435
TX
BD45431
UP
BD45432
VF
BD46435
W7
BD46431
WZ
BD46432
4.2V
T6
BD45425
TY
BD45421
UQ
BD45422
VG
BD46425
W8
BD46421
X0
BD46422
4.1V
T7
BD45415
TZ
BD45411
UR
BD45412
VH
BD46415
W9
BD46411
X1
BD46412
4.0V
T8
BD45405
U0
BD45401
US
BD45402
VJ
BD46405
WA
BD46401
X2
BD46402
3.9V
T9
BD45395
U1
BD45391
UT
BD45392
VK
BD46395
WB
BD46391
X3
BD46392
3.8V
TA
BD45385
U2
BD45381
UU
BD45382
VL
BD46385
WC
BD46381
X4
BD46382
3.7V
TB
BD45375
U3
BD45371
UV
BD45372
VM
BD46375
WD
BD46371
X5
BD46372
3.6V
TC
BD45365
U4
BD45361
UW
BD45362
VN
BD46365
WE
BD46361
X6
BD46362
3.5V
TD
BD45355
U5
BD45351
UX
BD45352
VP
BD46355
WF
BD46351
X7
BD46352
3.4V
TE
BD45345
U6
BD45341
UY
BD45342
VQ
BD46345
WG
BD46341
X8
BD46342
3.3V
TF
BD45335
U7
BD45331
UZ
BD45332
VR
BD46335
WH
BD46331
X9
BD46332
3.2V
TG
BD45325
U8
BD45321
V0
BD45322
VS
BD46325
WJ
BD46321
XA
BD46322
3.1V
TH
BD45315
U9
BD45311
V1
BD45312
VT
BD46315
WK
BD46311
XB
BD46312
3.0V
TJ
BD45305
UA
BD45301
V2
BD45302
VU
BD46305
WL
BD46301
XC
BD46302
2.9V
TK
BD45295
UB
BD45291
V3
BD45292
VV
BD46295
WM
BD46291
XD
BD46292
2.8V
TL
BD45285
UC
BD45281
V4
BD45282
VW
BD46285
WN
BD46281
XE
BD46282
2.7V
TM
BD45275
UD
BD45271
V5
BD45272
VX
BD46275
WP
BD46271
XF
BD46272
2.6V
TN
BD45265
UE
BD45261
V6
BD45262
VY
BD46265
WQ
BD46261
XG
BD46262
2.5V
TP
BD45255
UF
BD45251
V7
BD45252
VZ
BD46255
WR
BD46251
XH
BD46252
2.4V
TQ
BD45245
UG
BD45241
V8
BD45242
W0
BD46245
WS
BD46241
XJ
BD46242
2.3V
TR
BD45235
UH
BD45231
V9
BD45232
W1
BD46235
WT
BD46231
XK
BD46232
No.
Specifications
Description
1
Output Circuit Format
5:Open Drain Output, 6:CMOS Output
2
Detection Voltage
Example: Displays VDET over a 2.3V to 4.8V range
in 0.1V increments. (2.9V is marked as “29”)
3
Fixed Delay Times
5: 50ms(Typ.), 1: 100ms(Typ.)
2: 200ms(Typ.)
No.09006ECT06
Part Number : BD4
G
1
2
3


Similar Part No. - BD46255

ManufacturerPart #DatasheetDescription
logo
Rohm
BD46255 ROHM-BD46255 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD46255 ROHM-BD46255 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD46255 ROHM-BD46255 Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD46255 ROHM-BD46255 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD46255G ROHM-BD46255G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
More results

Similar Description - BD46255

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com