Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3522EFV Datasheet(PDF) 9 Page - Rohm

Part # BD3522EFV
Description  Ultra Low Dropout Linear Regulators(4A) for Desktop PC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3522EFV Datasheet(HTML) 9 Page - Rohm

Back Button BD3522EFV_08 Datasheet HTML 5Page - Rohm BD3522EFV_08 Datasheet HTML 6Page - Rohm BD3522EFV_08 Datasheet HTML 7Page - Rohm BD3522EFV_08 Datasheet HTML 8Page - Rohm BD3522EFV_08 Datasheet HTML 9Page - Rohm BD3522EFV_08 Datasheet HTML 10Page - Rohm BD3522EFV_08 Datasheet HTML 11Page - Rohm BD3522EFV_08 Datasheet HTML 12Page - Rohm BD3522EFV_08 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/20
●Pin Layout
●Pin Function Table
PIN
No.
PIN name
PIN Function
PIN
No.
PIN name
PIN Function
1
VO
Output Voltage Pin
1
VO
Output Voltage Pin
2
VO
Output Voltage Pin
2
VO
Output Voltage Pin
3
VO
Output Voltage Pin
3
VO
Output Voltage Pin
4
VO
Output Voltage Pin
4
VO
Output Voltage Pin
5
VO
Output Voltage Pin
5
VO
Output Voltage Pin
6
VO
Output Voltage Pin
6
VOS
Output Voltage Control Pin
7
FB
Reference Voltage Feedback Pin
7
FB
Reference Voltage Feedback Pin
8
NRCS
In-rush Current Protection (NRCS)
Capacitor Connection Pin
8
NRCS
In-rush Current Protection (NRCS)
Capacitor Connection Pin
9
GND
Ground Pin
9
GND
Ground Pin
10
GND
Ground Pin
10
GND
Ground Pin
11
VCC
Power supply pin
11
VCC
Power supply pin
12
EN
Enable input pin
12
EN
Enable input pin
13
SCP
SCP Delay Time Setting Capacitor
Connection Pin
13
SCP
SCP Delay Time Setting Capacitor
Connection Pin
14
VD
VIN Input Voltage Detect Pin
14
VD
VIN Input Voltage Detect Pin
15
VIN
Input Voltage Pin
15
VIN
Input Voltage Pin
16
VIN
Input Voltage Pin
16
VIN
Input Voltage Pin
17
VIN
Input Voltage Pin
17
VIN
Input Voltage Pin
18
VIN
Input Voltage Pin
18
VIN
Input Voltage Pin
19
VIN
Input Voltage Pin
19
VIN
Input Voltage Pin
20
VIN
Input Voltage Pin
20
VIN
Input Voltage Pin
-
FIN
Connected to heatsink and GND
-
FIN
Connected to heatsink and GND
BD3522EFV
BD35221EFV/BD35222EFV
20
19
18
17
16
15
14
13
12
11
20
19
18
17
16
15
14
13
12
11
1
VO
FIN
2
VO
3
VO
4
VO
5
VO
6
VO
7
FB
8
NRCS
9
GND
10
GND
VIN
VIN
VIN
VIN
VIN
VIN
VD
SCP
EN
VCC
1
VO
FIN
2
VO
3
VO
4
VO
5
VO
6
VOS
7
FB
8
NRCS
9
GND
10
GND
VIN
VIN
VIN
VIN
VIN
VIN
VD
SCP
EN
VCC
BD3522EFV
BD35221EFV/BD35222EFV


Similar Part No. - BD3522EFV_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3522EFV-E2 ROHM-BD3522EFV-E2 Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
More results

Similar Description - BD3522EFV_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com