Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD35221EFV Datasheet(PDF) 10 Page - Rohm

Part # BD35221EFV
Description  Ultra Low Dropout Linear Regulators(4A) for Desktop PC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD35221EFV Datasheet(HTML) 10 Page - Rohm

Back Button BD35221EFV Datasheet HTML 6Page - Rohm BD35221EFV Datasheet HTML 7Page - Rohm BD35221EFV Datasheet HTML 8Page - Rohm BD35221EFV Datasheet HTML 9Page - Rohm BD35221EFV Datasheet HTML 10Page - Rohm BD35221EFV Datasheet HTML 11Page - Rohm BD35221EFV Datasheet HTML 12Page - Rohm BD35221EFV Datasheet HTML 13Page - Rohm BD35221EFV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10/20
●Operation of Each Block
・AMP
This is an error amp compares the reference voltage (0.65V) with VO to drive the output Nch FET (Ron=50mΩ). Frequency
optimization helps to realize rapid transient response, and to support the use of ceramic capacitors on the output. AMP input
voltage ranges from GND to 2.7V, while the AMP output ranges from GND to VCC. When EN is OFF, or when UVLO is
active, output goes LOW and the output of the NchFET switches OFF.
・EN
The EN block controls the regulator’s ON/OFF state via the EN logic input pin. In the OFF position, circuit voltage is
maintained at 0μA, thus minimizing current consumption at standby. The FET is switched ON to enable discharge of the
NRCS pin VO, thereby draining the excess charge and preventing the IC on the load side from malfunctioning. Since no
electrical connection is required (e.g. between the VCC pin and the ESD prevention diode), module operation is
independent of the input sequence.
・VCCUVLO
To prevent malfunctions that can occur during a momentary decrease in VCC, the UVLO circuit switches the output OFF,
and (like the EN block) discharges NRCS and VO. Once the UVLO threshold voltage (TYP3.80V) is reached, the power-on
reset is triggered and output continues.
・VDUVLO
VD pin is the VIN voltage detect pin. When VD voltage exceeds the threshold voltage, VDUVLO becomes active. Once active,
the status of output voltage remains ON even if VD voltage drops. (When VIN voltage drops, SCP engages and output
switches OFF.) Unlike EN and VCC, it is effective at output startup. VDUVLO can be restored either by reconnecting the EN
pin or VCC pin.
・CURRENT LIMIT
When output is ON, the current limit function monitors the internal IC output current against the parameter value. When
current exceeds this level, the current limit module lowers the output current to protect the load IC. When the overcurrent
state is eliminated, output voltage is restored to the parameter value. However when output voltage falls to or below the
SCP startup voltage, the SCP function becomes active and the output switches OFF.
・NRCS (Non Rush Current on Start-up)
The soft start function enabled by connecting an external capacitor between the NRCS pin and ground. Output ramp-up
can be set for any period up to the time the NRCS pin reaches VFB (0.65V). During startup, the NRCS pin serves as a 20μ
A (TYP) constant current source to charge the external capacitor. Output start time is calculated via the formula below.
・TSD (Thermal Shut down)
The shutdown (TSD) circuit automatically is latched OFF when the chip temperature exceeds the threshold temperature
after the programmed time period elapses, thus serving to protect the IC against “thermal runaway” and heat damage.
Because the TSD circuit is intended to shut down the IC only in the presence of extreme heat, it is crucial that the Tj (max)
parameter not be exceeded in the thermal design, in order to avoid potential problems with the TSD.
・VIN
The VIN line acts as the major current supply line, and is connected to the output NchFET drain. Since no electrical
connection (such as between the VCC pin and the ESD protection diode) is necessary, VIN operates independent of the input
sequence. However, since an output NchFET body diode exists between VIN and VO, a VIN-VO electric (diode) connection is
present. Note, therefore, that when output is switched ON or OFF, reverse current may flow to VIN from VO.
・SCP
When output voltage (Vo) drops, the IC assumes that VO pin is shorted to GND and switched the output voltage OFF. After
the GND short has been detected and the programmed delay time has elapsed, output is latched OFF.
It is also effective
during output startup. SCP can be cleared either by reconnecting the EN pin or VCC pin. Delay time is calculated via the
formula below.
TNRCS (typ.) =
CNRCS×VFB
INRCS
TTSD (typ.) =
CSCP×VSCPTH
20uA
TSCP (typ.) =
CSCP×VSCPTH
ISCP


Similar Part No. - BD35221EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
BD3522EFV-E2 ROHM-BD3522EFV-E2 Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
More results

Similar Description - BD35221EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com