Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3531F Datasheet(PDF) 5 Page - Rohm

Part # BD3531F
Description  Termination Regulators for DDR-SDRAMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3531F Datasheet(HTML) 5 Page - Rohm

  BD3531F Datasheet HTML 1Page - Rohm BD3531F Datasheet HTML 2Page - Rohm BD3531F Datasheet HTML 3Page - Rohm BD3531F Datasheet HTML 4Page - Rohm BD3531F Datasheet HTML 5Page - Rohm BD3531F Datasheet HTML 6Page - Rohm BD3531F Datasheet HTML 7Page - Rohm BD3531F Datasheet HTML 8Page - Rohm BD3531F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/16
BD3532F/EFV/KN
ELECTRICAL CHARACTERISTICS(unless otherwise noted, Ta=25℃ VCC=5V VEN=3V VDDQ=2.5V VTT_IN=2.5V)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
Standby Current
IST
-
0.8
1.6
mA
VEN=0V
Bias Current
ICC
-
2
4
mA
[Enable]
Hi Level Enable Input
Voltage
VENHI
2.3
-
5.5
V
VCC=4.3V to 5.5V
Ta=0℃ to 100℃ *
9
Low Level Enable Input
Voltage
VENLOW
-0.3
-
0.8
V
VCC=4.3V to 5.5V
Ta=0℃ to 100℃ *
9
Enable Pin Input Current
IEN
-
7
10
uA
VEN=3V
[Termination]
Termination Output Voltage
VTT
VREF
-30mV
VREF
VREF
+30mV
V
Io=-3A to 3A
Ta=0℃ to 100℃ *
9
Source Current
ITT+
3
-
-
A
Sink Current
ITT-
-
-
-3
A
Load Regulation
VTT
-
-
40
mV
Io=-3A to 3A
Line Regulation
Reg.l
-
20
40
mV
VCC=4.3V to 5.5V
Upper Side ON Resistance
HRON
-
0.2
0.4
Ω
Lower Side ON Resistance
LRON
-
0.2
0.4
Ω
[Input of Reference Voltage]
Input Impedance
ZVDDQ
70
100
130
Output Voltage1
VREF1
1/2×VDDQ
-30mV
1/2×VDDQ
1/2×VDDQ
+30mV
V
IREF=0mA
Output Voltage2
VREF2
1/2×VDDQ
-40mV
1/2×VDDQ
1/2×VDDQ
+40mV
V
IREF=-10mA to 10mA
Ta=0℃ to 100℃ *9
Output Voltage1’
VREF1’
1/2×VDDQ
-30mV
1/2×VDDQ
1/2×VDDQ
+30mV
V
VDDQ=VTT_IN1=VTT_IN2=1.8V
IREF=0mA
Output Voltage2’
VREF2’
1/2×VDDQ
-40mV
1/2×VDDQ
1/2×VDDQ
+40mV
V
VDDQ=VTT_IN1=VTT_IN2=1.8V
IREF=-10mA to 10mA
Ta=0℃ to 100℃ *
9
Source Current1
IREF1+
20
-
-
mA
Sink Current1
IREF1-
-
-
-20
mA
Source Current2
IREF2+
20
-
-
mA
VDDQ=VTT_IN1=VTT_IN2=1.8V
Sink Current2
IREF2-
-
-
-20
mA
VDDQ=VTT_IN1=VTT_IN2=1.8V
[UVLO]
UVLO OFF Voltage
VUVLO
4.0
4.15
4.3
V
VCC : sweep up
Hysteresis Voltage
VUVLO
100
160
220
mV
VCC : sweep down
*9 Design Guarantee


Similar Part No. - BD3531F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3531F ROHM-BD3531F Datasheet
227Kb / 6P
   Regulator IC for Memory termination
BD3531F ROHM-BD3531F Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F-E2 ROHM-BD3531F-E2 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
More results

Similar Description - BD3531F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com