Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3532KN Datasheet(PDF) 2 Page - Rohm

Part # BD3532KN
Description  Termination Regulators for DDR-SDRAMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3532KN Datasheet(HTML) 2 Page - Rohm

  BD3532KN Datasheet HTML 1Page - Rohm BD3532KN Datasheet HTML 2Page - Rohm BD3532KN Datasheet HTML 3Page - Rohm BD3532KN Datasheet HTML 4Page - Rohm BD3532KN Datasheet HTML 5Page - Rohm BD3532KN Datasheet HTML 6Page - Rohm BD3532KN Datasheet HTML 7Page - Rohm BD3532KN Datasheet HTML 8Page - Rohm BD3532KN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/16
ABSOLUTE MAXIMUM RATINGS
BD3533F/FVM/EKN
Parameter
Symbol
BD3533F
BD3533FVM
BD3533EKN
Unit
Input Voltage
VCC
7
*1*2
7
*1*2
7
*1*2
V
Enable Input Voltage
VEN
7
*1*2
7
*1*2
7
*1*2
V
Termination Input Voltage
VTT_IN
7
*1*2
7
*1*2
7
*1*2
V
VDDQ Reference Voltage
VDDQ
7
*1*2
7
*1*2
7
*1*2
V
Output Current
ITT
3
1
3
A
Power Dissipation1
Pd1
560
*3
437.5
*5
500
*6
mW
Power Dissipation2
Pd2
690
*4
-
750
*7
mW
Power Dissipation3
Pd3
-
-
1750
*8
mW
Power Dissipation4
Pd4
-
-
2000
*9
mW
Operating Temperature Range
Topr
-20~+100
-20~+100
-20~+100
Storage Temperature Range
Tstg
-55~+150
-55~+150
-55~+150
Maximum Junction Temperature
Tjmax
+150
+150
+150
*1 Should not exceed Pd.
*2 Instantaneous surge voltage, back electromotive force and voltage under less than 10% duty cycle.
*3 Reduced by 4.48mW for each increase in Ta of 1℃ over 25℃(With no heat sink).
*4 Reduced by 5.52mW for each increase in Ta of 1℃ over 25℃(When mounted on a board 70mm×70mm×1.6mm Glass-epoxyPCB).
*5 Reduced by 3.5mW for each increase in Ta of 1℃ over 25℃(With no heat sink).
*6 Ta≧25℃(no heat sink)4mW/℃ increase.
*7 Ta≧25℃(when mounted on 70mm x 70mm x 1.6mm Glass-epoxy PCB which does not have copper on the back side).
*8 Ta≧25℃(when mounted on 70mm x 70mm x 1.6mm Glass-epoxy PCB which has 1 layer ( 60mm x 60mm ) of copper on the back side)14mW/℃ increase.
*9 Ta≧25℃(When mounted on board 70mm x 70mm x 1.6mm Glass-epoxy PCB which has 2 layers ( 60mm x 60mm ) of copper on the back side )16mW/℃
increase.
BD3531F
Parameter
Symbol
Limit
Unit
Input Voltage
VCC
7 *
1
V
EN Input Voltage
VEN
7 *
1
V
Termination Input Voltage
VTT_IN
7 *
1
V
VDDQ Reference Voltage
VDDQ
7 *
1
V
Output Current
ITT
3
A
Power Dissipation1
Pd1
560 *
2
mW
Power Dissipation2
Pd2
690 *
3
mW
Operating Temperature Range
Topr
-10~
Storage Temperature Range
Tstg
-55~
Maximum Junction Temperature
Tjmax
+150
*1 Should not exceed Pd.
*2 Reduced by 4.48mW for each increase in Ta of 1℃ over 25℃(With no heat sink).
*3 Reduced by 5.52mW for each increase in Ta of 1℃ over 25℃(When mounted on a board 70mm×70mm×1.6mm Glass-epoxyPCB).
BD3532F/EFV/KN
Parameter
Symbol
BD3532F
BD3532EFV
BD3532KN
Unit
Input Voltage
VCC
7 *
1
7 *
1
7 *
1
V
Enable Input Voltage
VEN
7 *
1
7 *
1
7 *
1
V
Termination Input Voltage
VTT_IN
7 *
1
7 *
1
7 *
1
V
VDDQ Reference Voltage
VDDQ
7 *
1
7 *
1
7 *
1
V
Output Current
ITT
3
3
3
A
Power Dissipation1
Pd1
560 *
2
-
460 *
5
mW
Power Dissipation2
Pd2
690 *
3
1000 *
4
725 *
6
mW
Operating Temperature Range
Topr
-40~+100
-40~+100
-40~+100
Storage Temperature Range
Tstg
-55~+150
-55~+150
-55~+150
Maximum Junction Temperature
Tjmax
+150
+150
+150
*1 Should not exceed Pd.
*2 Reduced by 4.48mW for each increase in Ta of 1℃ over 25℃(With no heat sink).
*3 Reduced by 5.52mW for each increase in Ta of 1℃ over 25℃(When mounted on a board 70mm×70mm×1.6mm Glass-epoxyPCB).
*4 Reduced by 8.0mW for each increase in Ta of 1℃ over 25℃(When mounted on a board 70mm×70mm×1.6mm Glass-epoxyPCB).
*5 Reduced by 3.68mW for each increase in Ta of 1℃ over 25℃(With no heat sink).
*6 Reduced by 5.80mW for each increase in Ta of 1℃ over 25℃(When mounted on a board 70mm×70mm×1.6mm Glass-epoxyPCB).


Similar Part No. - BD3532KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3532F ROHM-BD3532F Datasheet
231Kb / 6P
   Regulator IC for Memory Termination
BD3532F ROHM-BD3532F Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3532F-E2 ROHM-BD3532F-E2 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
More results

Similar Description - BD3532KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com