Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3550HFN Datasheet(PDF) 7 Page - Rohm

Part # BD3550HFN
Description  Ultra Low Dropout Linear Regulators for PC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3550HFN Datasheet(HTML) 7 Page - Rohm

Back Button BD3550HFN_08 Datasheet HTML 3Page - Rohm BD3550HFN_08 Datasheet HTML 4Page - Rohm BD3550HFN_08 Datasheet HTML 5Page - Rohm BD3550HFN_08 Datasheet HTML 6Page - Rohm BD3550HFN_08 Datasheet HTML 7Page - Rohm BD3550HFN_08 Datasheet HTML 8Page - Rohm BD3550HFN_08 Datasheet HTML 9Page - Rohm BD3550HFN_08 Datasheet HTML 10Page - Rohm BD3550HFN_08 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
●Block Diagram
●Pin Layout
PIN No.
PIN name
PIN Function
1
VCC
Power supply pin
2
EN
Enable input pin
3
GATE
Gate pin
4
VIN
Input voltage pin
5
VO
Output voltage pin
6
FB
Reference voltage feedback pin
7
NRCS
In-rush current protection (NRCS) capacitor connection pin
8
GND
Ground pin
reverse
FIN
Connected to heatsink and GND
●Pin Function Table
◎HSON8
Reference
Block
Thermal
Shutdown
NRCS
Current
Limit
CL
UVLO
TSD
EN
VCC
UVLO
VCC
CL
EN
VCC
VCC
VIN
VO
FB
GATE
GND
NRCS
Vo
VIN
TSD
0.13 +
0.1
−0.05
4
3
2
1
5
6
7
8
2.90
±0.2
0.475
0.32
±0.10
0.65
1
2
3
4
(0.05)
(2.2)
8
7
6
5
(Unit : mm)
B D 3
5 5 X
Lot No.
1PIN MARK


Similar Part No. - BD3550HFN_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3550HFN ROHM-BD3550HFN Datasheet
346Kb / 6P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD3550HFN_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com