Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF300SK120D3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTGF300SK120D3G
Description  Buck Chopper NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF300SK120D3G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTGF300SK120D3G Datasheet HTML 1Page - Microsemi Corporation APTGF300SK120D3G Datasheet HTML 2Page - Microsemi Corporation APTGF300SK120D3G Datasheet HTML 3Page - Microsemi Corporation APTGF300SK120D3G Datasheet HTML 4Page - Microsemi Corporation APTGF300SK120D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGF300SK120D3G
www.microsemi.com
1- 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC = 25°C
420
IC
Continuous Collector Current
TC = 80°C
300
ICM
Pulsed Collector Current
TC = 25°C
600
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
2100
W
RBSOA Reverse Bias Safe Operating Area
Tj = 125°C
600A@1150V
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
2
1
5
Q1
3
4
VCES = 1200V
IC = 300A @ Tc = 80°C
Application
AC and DC motor control
Switched Mode Power Supplies
Features
Non Punch Through (NPT) FAST IGBT
- Low voltage drop
- Low tail current
- Switching frequency up to 50 kHz
- Soft recovery parallel diodes
- Low diode VF
- Low leakage current
- RBSOA and SCSOA rated
Kelvin emitter for easy drive
High level of integration
M6 power connectors
Benefits
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
RoHS Compliant
Buck Chopper
NPT IGBT Power Module


Similar Part No. - APTGF300SK120D3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF300SK120 ADPOW-APTGF300SK120 Datasheet
302Kb / 5P
   Buck chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF300SK120G MICROSEMI-APTGF300SK120G Datasheet
243Kb / 5P
   Buck chopper NPT IGBT Power Module
More results

Similar Description - APTGF300SK120D3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF90SK60D1 ADPOW-APTGF90SK60D1 Datasheet
169Kb / 3P
   Buck chopper NPT IGBT Power Module
APTGF100SK120T ADPOW-APTGF100SK120T Datasheet
294Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF300SK120 ADPOW-APTGF300SK120 Datasheet
302Kb / 5P
   Buck chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50SK120TG MICROSEMI-APTGF50SK120TG Datasheet
286Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF100SK120TG MICROSEMI-APTGF100SK120TG Datasheet
287Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF200SK120D3G MICROSEMI-APTGF200SK120D3G Datasheet
217Kb / 5P
   Buck Chopper NPT IGBT Power Module
APTGF75SK60D1 MICROSEMI-APTGF75SK60D1 Datasheet
173Kb / 3P
   Buck Chopper NPT IGBT Power Module
APTGF180SK60TG MICROSEMI-APTGF180SK60TG Datasheet
288Kb / 6P
   Buck chopper NPT IGBT Power Module
APTGF90SK60T1G MICROSEMI-APTGF90SK60T1G Datasheet
319Kb / 6P
   Buck chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF350SK60 ADPOW-APTGF350SK60 Datasheet
289Kb / 6P
   Buck chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com