Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4154FV Datasheet(PDF) 4 Page - Rohm

Part # BD4154FV
Description  Power Switch IC for ExpressCardTM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4154FV Datasheet(HTML) 4 Page - Rohm

  BD4154FV Datasheet HTML 1Page - Rohm BD4154FV Datasheet HTML 2Page - Rohm BD4154FV Datasheet HTML 3Page - Rohm BD4154FV Datasheet HTML 4Page - Rohm BD4154FV Datasheet HTML 5Page - Rohm BD4154FV Datasheet HTML 6Page - Rohm BD4154FV Datasheet HTML 7Page - Rohm BD4154FV Datasheet HTML 8Page - Rohm BD4154FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BD4154FV
Technical Note
4/15
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Reference data
Fig.5 Wakeup Wave Form
(Card Assert)
Fig.6 Wakeup Wave Form
(USB2.0 Assert)
Fig.7
Wakeup Wave Form
(Shut Down→Active)
Fig.1 Card Assert/ De-assert
(Active)
Fig.2 Card Assert/De-assert
(Standby)
Fig.4 System Active⇔Standby
(No Card)
Fig.3 System Active⇔Standby
( Card Present)
Fig.8
Wakeup Wave Form
(Standby→Active)
Fig.10 Power Down Wave Form
(USB2.0 De-assert)
Fig.9 Power Down Wave Form
(Card De-assert)
Fig.11
Power Down Wave Form
(Active→Shut Down)
Fig.12
Power Down Wave Form
(Active→Standby)
CPPE#(2V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
SYSR(2V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
EN(2V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
RV3=3.3Ω
RV3AUX=13.2Ω
RV15=3Ω
CPPE#(2V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
CPPE#(2V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
SYSR(2V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
CPPE#(2V/div)
V3(2V/div)
V15(1V/div)
V3AUX(2V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
SYSR(2V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
CPUSB#(2V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
SYSR(2V/div)
V3(2V/div)
V3AUX(2V/div)
V15(1V/div)
CPUSB#(2V/div)
EN(2V/div)
500μs/div
500µs/div
500µs/div
5.0ms/div
5.0ms/div
5.0ms/div
500μs/div
500μs/div
500μs/div
5.0ms/div
5.0ms/div
500µs/div


Similar Part No. - BD4154FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
More results

Similar Description - BD4154FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4155FV ROHM-BD4155FV_09 Datasheet
482Kb / 17P
   Power Switch IC for ExpressCardTM
BD4157MUV ROHM-BD4157MUV Datasheet
511Kb / 25P
   Power Switch IC for ExpressCardTM
BD4156MUV ROHM-BD4156MUV_09 Datasheet
506Kb / 24P
   Power Switch for ExpressCardTM
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Rohm
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
logo
Fujitsu Component Limit...
MB3841 FUJITSU-MB3841 Datasheet
122Kb / 17P
   Power Management Switch IC
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com