Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6210 Datasheet(PDF) 3 Page - Rohm

Part # BD6210
Description  H-bridge drivers (7V max.)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6210 Datasheet(HTML) 3 Page - Rohm

  BD6210_09 Datasheet HTML 1Page - Rohm BD6210_09 Datasheet HTML 2Page - Rohm BD6210_09 Datasheet HTML 3Page - Rohm BD6210_09 Datasheet HTML 4Page - Rohm BD6210_09 Datasheet HTML 5Page - Rohm BD6210_09 Datasheet HTML 6Page - Rohm BD6210_09 Datasheet HTML 7Page - Rohm BD6210_09 Datasheet HTML 8Page - Rohm BD6210_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technical Note
3/16
BD6210, BD6211, BD6212, BD6215, BD6216, BD6217
www.rohm.com
2009.08 - Rev.C
c
2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data)
20
25
30
35
3456
Supply Voltage: VCC [V]
85°C
25°C
-40°C
0.0
2.0
4.0
6.0
1.52
2.533.5
Supply Voltage: VCC [V]
85°C
25°C
-40°C
0.0
3.0
6.0
9.0
66.5
77.5
8
Supply Voltage: VCC [V]
-40°C
25°C
85°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
Input Voltage: VREF / VCC [V]
-40°C
25°C
85°C
0
20
40
60
80
100
01
234
5
6
Input Voltage: VIN [V]
85°C
25°C
-40°C
-10
-5
0
5
10
012
345
Input Voltage: VREF [V]
-40°C
25°C
85°C
-0.5
0.0
0.5
1.0
1.5
1.5
2
2.5
3
Load Current / Iomax: Normalized
85°C
25°C
-40°C
-0.5
0.0
0.5
1.0
1.5
125
150
175
200
Junction Temperature: Tj [°C]
-0.5
0.0
0.5
1.0
1.5
11.5
22.5
Load Current / Iomax: Normalized
85°C
25°C
-40°C
Fig.1 Supply current (1ch)
Fig.2 Supply current (2ch)
Fig.3 Input threshold voltage
Fig.4 Input bias current
Fig.5 VREF input bias current
Fig.6 VREF - DUTY
(VCC=5V)
Fig.7 VCC - Carrier frequency
Fig.8 Under voltage lock out
Fig.9 Over voltage protection
Fig.10 Thermal shutdown
Fig.11 Over current protection (H side) Fig.12 Over current protection (L side)
0.0
0.2
0.4
0.6
0.8
1.0
34
5
6
Supply Voltage: Vcc [V]
85°C
25°C
-40°C
-0.5
0.0
0.5
1.0
1.5
1
1.2
1.4
1.6
1.8
2
Input Voltage: VIN [V]
-40°C
25°C
85°C
-40°C
25°C
85°C
0.0
0.2
0.4
0.6
0.8
1.0
34
56
Supply Voltage: Vcc [V]
85°C
25°C
-40°C


Similar Part No. - BD6210_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6210F ROHM-BD6210F Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6210F ROHM-BD6210F Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD6210F-E2 ROHM-BD6210F-E2 Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD6210F-E2 ROHM-BD6210F-E2 Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6210HFP ROHM-BD6210HFP Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
More results

Similar Description - BD6210_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6220 ROHM-BD6220_09 Datasheet
431Kb / 17P
   H-bridge drivers (18V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
   DUAL H-BRIDGE MOTOR DRIVERS
logo
Texas Instruments
DRV8816PWPR TI1-DRV8816PWPR Datasheet
836Kb / 17P
[Old version datasheet]   DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
Texas Instruments
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com