Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6212 Datasheet(PDF) 1 Page - Rohm

Part # BD6212
Description  H-bridge drivers (7V max.)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6212 Datasheet(HTML) 1 Page - Rohm

  BD6212 Datasheet HTML 1Page - Rohm BD6212 Datasheet HTML 2Page - Rohm BD6212 Datasheet HTML 3Page - Rohm BD6212 Datasheet HTML 4Page - Rohm BD6212 Datasheet HTML 5Page - Rohm BD6212 Datasheet HTML 6Page - Rohm BD6212 Datasheet HTML 7Page - Rohm BD6212 Datasheet HTML 8Page - Rohm BD6212 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
www.rohm.com
2009.08 - Rev.C
c
2009 ROHM Co., Ltd. All rights reserved.
For brush motors
H-bridge drivers
(7V max.)
BD6210, BD6211, BD6212, BD6215, BD6216, BD6217
Overview
These H-bridge drivers are full bridge drivers for brush motor applications. Each IC can operate at a wide range of power
supply voltages (from 3V to 36V), supporting output currents of up to 2A. MOS transistors in the output stage allow for
PWM signal control, while the integrated VREF voltage control function of previous models offers direct replacement of
deprecated motor driver ICs. These highly efficient H-bridge driver ICs facilitate low-power consumption design.
Features
1) Built-in, selectable one channel or two channels configuration
2) Low standby current
3) Supports PWM control signal input (20kHz to 100kHz)
4) VREF voltage setting pin enables PWM duty control
5) Cross-conduction prevention circuit
6) Four protection circuits provided: OCP, OVP, TSD and UVLO
Applications
VCR; CD/DVD players; audio-visual equipment; optical disc drives; PC peripherals;
car audios; car navigation systems; OA equipments
Line up matrix
Rating voltage
Channels
Maximum output current
0.5A
1.0A
2.0A
7V
1ch
BD6210
HFP / F
BD6211
HFP / F
BD6212
HFP / FP
2ch
BD6215
FP
BD6216
FP / FM
BD6217
FM
18V
1ch
BD6220
HFP / F
BD6221
HFP / F
BD6222
HFP / FP
2ch
BD6225
FP
BD6226
FP / FM
BD6227
FM
36V
1ch
BD6230
HFP / F
BD6231
HFP / F
BD6232
HFP / FP
2ch
BD6235
FP
BD6236
FP / FM
BD6237
FM
*Packages; F:SOP8, HFP:HRP7, FP:HSOP25, FM:HSOP-M28
No.09007ECT01


Similar Part No. - BD6212

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6212 ROHM-BD6212 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 9P
   36V 1 Channel (1A/2A/3A) DC Brushed Motor Driver
Rev.001 May 2022
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
BD62120AEFJ-E2 ROHM-BD62120AEFJ-E2 Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
BD62120AEFJ-EVK-101 ROHM-BD62120AEFJ-EVK-101 Datasheet
1Mb / 9P
   36V 1 Channel (1A/2A/3A) DC Brushed Motor Driver
Rev.001 May 2022
More results

Similar Description - BD6212

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6220 ROHM-BD6220_09 Datasheet
431Kb / 17P
   H-bridge drivers (18V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
   DUAL H-BRIDGE MOTOR DRIVERS
logo
Texas Instruments
DRV8816PWPR TI1-DRV8816PWPR Datasheet
836Kb / 17P
[Old version datasheet]   DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
Texas Instruments
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
[Old version datasheet]   DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS Dual 1/2-H-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com