Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6221 Datasheet(PDF) 6 Page - Rohm

Part # BD6221
Description  H-bridge drivers (18V max.)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6221 Datasheet(HTML) 6 Page - Rohm

Back Button BD6221 Datasheet HTML 2Page - Rohm BD6221 Datasheet HTML 3Page - Rohm BD6221 Datasheet HTML 4Page - Rohm BD6221 Datasheet HTML 5Page - Rohm BD6221 Datasheet HTML 6Page - Rohm BD6221 Datasheet HTML 7Page - Rohm BD6221 Datasheet HTML 8Page - Rohm BD6221 Datasheet HTML 9Page - Rohm BD6221 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Technical Note
6/16
BD6220, BD6221, BD6222, BD6225, BD6226, BD6227
www.rohm.com
2009.08 - Rev.C
c
2009 ROHM Co., Ltd. All rights reserved.
Block diagram and pin configuration - Continued
BD6222FP
Fig.29 BD6222FP
Fig.30 HSOP25
BD6225FP / BD6226FP
Fig.31 BD6225FP / BD6226FP
Fig.32 HSOP25
Table 3 BD6222FP
Pin
Name
Function
1,2
OUT1
Driver output
6
GND
Small signal ground
7,8
RNF
Power stage ground
12,13
OUT2
Driver output
17
VREF
Duty setting pin
19
RIN
Control input (reverse)
20
FIN
Control input (forward)
21
VCC
Power supply
22,23
VCC
Power supply
FIN
GND
Ground
Note: All pins not described above are NC pins.
Note: Use all VCC pin by the same voltage.
Table 4 BD6225FP / BD6226FP
Pin
Name
Function
1
OUT1A
Driver output
3
RNFA
Power stage ground
6
OUT2A
Driver output
8
GND
Small signal ground
9
VREFA
Duty setting pin
10
RINA
Control input (reverse)
11
FINA
Control input (forward)
12
VCC
Power supply
13
VCC
Power supply
14
OUT1B
Driver output
16
RNFB
Power stage ground
19
OUT2B
Driver output
20
GND
Small signal ground
21
VREFB
Duty setting pin
22
RINB
Control input (reverse)
23
FINB
Control input (forward)
24
VCC
Power supply
25
VCC
Power supply
FIN
GND
Ground
Note: All pins not described above are NC pins.
Note: Use all VCC pin by the same voltage.
OUT1
OUT1
GND
NC
NC
NC
GND
RNF
RNF
NC
NC
NC
OUT2
OUT2
NC
NC
GND
VCC
VCC
VCC
FIN
RIN
NC
VREF
NC
NC
NC
21
22
12
1
20
19
CTRL
PROTECT
FIN
RIN
VCC
VCC
OUT1
OUT2
8
RNF
17
VREF
DUTY
6
GND
2
13
7
23
FIN
GND
OUT1A
NC
GND
RNFA
NC
NC
OUT2A
NC
GND
VREFA
RINA
FINA
VCC
VCC
VCC
VCC
GND
FINB
RINB
VREFB
GND
OUT2B
NC
NC
RNFB
NC
OUT1B
24
25
11
10
CTRL
PROTECT
FINA
RINA
VCC
VCC
3
RNFA
9
VREFA
DUTY
1
OUT1A
6
OUT2A
20
GND
12
13
23
22
CTRL
PROTECT
FINB
RINB
VCC
VCC
16
RNFB
21
VREFB
DUTY
14
OUT1B
19
OUT2B
8
GND
FIN
GND


Similar Part No. - BD6221

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6221 ROHM-BD6221 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD62210AEFV ROHM-BD62210AEFV Datasheet
1Mb / 25P
   High Performance, High Reliability 36V 2ch DC Brush Motor Drivers
BD62210AEFV-E2 ROHM-BD62210AEFV-E2 Datasheet
1Mb / 25P
   High Performance, High Reliability 36V 2ch DC Brush Motor Drivers
BD6221F ROHM-BD6221F Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6221F ROHM-BD6221F Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
More results

Similar Description - BD6221

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6220 ROHM-BD6220_10 Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6210 ROHM-BD6210_09 Datasheet
390Kb / 17P
   H-bridge drivers (7V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
logo
Asahi Kasei Microsystem...
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
   18V 1ch H-Bridge Motor Driver IC
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
   18V 1ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com