Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGL325A120D3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGL325A120D3G
Description  Phase leg Trench Field Stop IGBT4 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGL325A120D3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGL325A120D3G Datasheet HTML 1Page - Microsemi Corporation APTGL325A120D3G Datasheet HTML 2Page - Microsemi Corporation APTGL325A120D3G Datasheet HTML 3Page - Microsemi Corporation APTGL325A120D3G Datasheet HTML 4Page - Microsemi Corporation APTGL325A120D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGL325A120D3G
www.microsemi.com
5- 5
Hard
switching
ZCS
ZVS
0
30
60
90
120
150
180
0
120
240
360
480
IC (A)
VCE=600V
D=50%
RG=1.5 Ω
TJ=150°C
Tc=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.03
0.06
0.09
0.12
0.15
0.18
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
Forward Characteristic of diode
TJ=25°C
TJ=150°C
0
150
300
450
600
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGL325A120D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL325DA120D3G MICROSEMI-APTGL325DA120D3G Datasheet
215Kb / 5P
   Boost chopper Trench Field Stop IGBT4 Power Module
APTGL325SK120D3G MICROSEMI-APTGL325SK120D3G Datasheet
215Kb / 5P
   Buck Chopper Trench Field Stop IGBT4 Power Module
More results

Similar Description - APTGL325A120D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL180A120T3AG MICROSEMI-APTGL180A120T3AG_11 Datasheet
214Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power Module
APTGL475A120D3G MICROSEMI-APTGL475A120D3G Datasheet
216Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power Module
APTGL60A120T1G MICROSEMI-APTGL60A120T1G Datasheet
214Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power module
APTGL90A120T1G MICROSEMI-APTGL90A120T1G Datasheet
220Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power module
APTGL180A120T3AG MICROSEMI-APTGL180A120T3AG Datasheet
201Kb / 5P
   Phase leg Trench Field Stop IGBT4 Power Module
APTGL120TA120TPG MICROSEMI-APTGL120TA120TPG Datasheet
235Kb / 5P
   Triple phase leg Trench Field Stop IGBT4 Power module
APTGLQ600A65T6G MICROSEMI-APTGLQ600A65T6G Datasheet
602Kb / 6P
   Phase leg High speed Trench Field Stop IGBT4 Power module
Rev 2 December , 2014
APTGT100A120T3AG MICROSEMI-APTGT100A120T3AG Datasheet
210Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
   Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T3AG MICROSEMI-APTGT200A60T3AG Datasheet
206Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com