Electronic Components Datasheet Search |
|
APTGT75A120T1G Datasheet(PDF) 2 Page - Microsemi Corporation |
|
APTGT75A120T1G Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 5 page APTGT75A120T1G www.microsemi.com 2 – 5 All ratings @ Tj = 25°C unless otherwise specified Electrical Characteristics Symbol Characteristic Test Conditions Min Typ Max Unit ICES Zero Gate Voltage Collector Current VGE = 0V, VCE = 1200V 250 µA Tj = 25°C 1.4 1.7 2.1 VCE(sat) Collector Emitter saturation Voltage VGE =15V IC = 75A Tj = 125°C 2.0 V VGE(th) Gate Threshold Voltage VGE = VCE , IC = 3 mA 5.0 6.5 V IGES Gate – Emitter Leakage Current VGE = 20V, VCE = 0V 400 nA Dynamic Characteristics Symbol Characteristic Test Conditions Min Typ Max Unit Cies Input Capacitance 5340 Coes Output Capacitance 280 Cres Reverse Transfer Capacitance VGE = 0V VCE = 25V f = 1MHz 240 pF Td(on) Turn-on Delay Time 260 Tr Rise Time 30 Td(off) Turn-off Delay Time 420 Tf Fall Time Inductive Switching (25°C) VGE = ±15V VBus = 600V IC = 75A RG = 4.7Ω 70 ns Td(on) Turn-on Delay Time 285 Tr Rise Time 50 Td(off) Turn-off Delay Time 520 Tf Fall Time Inductive Switching (125°C) VGE = ±15V VBus = 600V IC = 75A RG = 4.7Ω 90 ns Eon Turn-on Switching Energy Tj = 125°C 7 Eoff Turn-off Switching Energy VGE = ±15V VBus = 600V IC = 75A RG = 4.7Ω Tj = 125°C 8.1 mJ Reverse diode ratings and characteristics Symbol Characteristic Test Conditions Min Typ Max Unit VRRM Maximum Peak Repetitive Reverse Voltage 1200 V Tj = 25°C 350 IRM Maximum Reverse Leakage Current VR=1200V Tj = 125°C 600 µA IF DC Forward Current Tc = 80°C 75 A Tj = 25°C 1.6 2.1 VF Diode Forward Voltage IF = 75A Tj = 125°C 1.6 V Tj = 25°C 170 trr Reverse Recovery Time Tj = 125°C 280 ns Tj = 25°C 7 Qrr Reverse Recovery Charge Tj = 125°C 14 µC Tj = 25°C 2.8 Er Reverse Recovery Energy IF = 75A VR = 600V di/dt =2000A/µs Tj = 125°C 5.4 mJ |
Similar Part No. - APTGT75A120T1G |
|
Similar Description - APTGT75A120T1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |