Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4220AMUV Datasheet(PDF) 2 Page - Rohm

Part # BD4220AMUV
Description  Silicon monolithic integrated circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4220AMUV Datasheet(HTML) 2 Page - Rohm

  BD4220AMUV Datasheet HTML 1Page - Rohm BD4220AMUV Datasheet HTML 2Page - Rohm BD4220AMUV Datasheet HTML 3Page - Rohm BD4220AMUV Datasheet HTML 4Page - Rohm BD4220AMUV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
Electrical Characteristics
(Ta=25℃,VCC=START=VDD=3.3V, VBAT=3.6V,ADJ=1.0V,unless otherwise specified.)
Parameter
Symbol
Target value
Unit
Condition
Min.
Standard
Max.
【Overall device】
VCC current consumption
IVCC
1
2.5
mA
At Output OFF
VCC Circuit current during standby operation
ISTB
1
μA
START=0V
VDD current consumption
IVDD
20
40
80
μA
IGBT_EN=3.3V,IGBT_IN=0V
VDD Circuit current during standby operation
IVDDSTB
1
μA
IGBT_EN=0.0V,IGBT_IN=0V
【Standby control START pin】
START pin high voltage
VSTH
2.0
V
START pin low voltage
VSTL
0.6
V
START pin sink current
ISTART
12
24
36
μA
START=3.3V
Unresponsive time when START shorted
TSTART
6
12.5
25
μs
【Transformer primary-side driver block】
SW pin leak current
ISWL
1
μA
SW=50V
SW pin peak current 1
IPEAK1
0.7
0.8
0.9
A
ADJ=0V
SW pin peak current 2
IPEAK2
1.0
1.1
1.2
A
ADJ=1V
SW pin peak current 3
IPEAK3
1.95
2.05
2.15
A
ADJ=3V
SW saturation voltage
VSAT
0.20
0.40
V
ISW=0.5A
【Charging characteristics adjustment block】
ADJ sink current
IADJ
2.5
5
μA
Maximum ON time
TONMAX
25
50
100
μs
Maximum OFF time
TOFFMAX
12
25
50
μs
【Transformer secondary-side detection block】
VC pin sink current
IVC
1
2
4
mA
VC=30V
Full charge detection voltage
VFULLTH
29.7
30
30.3
V
OFF detection voltage
VOFFL
-1.3
-0.5
-0.2
V
FULL pin ON resistance
RFULLL
50
110
300
Ω
FULL=0.5V
FULL pin leak current
IFULLH
1
μA
FULL=3.3V
【Protective circuit block】
UVLO detection voltage
VUVLOTH
1.9
2.05
2.2
V
VCC detection
UVLO hysteresis width
VUVLOHYS
180
230
280
mV
UVLO VDD detection voltage
VUVLODTH
1.9
2.05
2.2
V
VDD detection IGBT_IN=3.3V,
IGBT_EN=3.3V
UVLO VDD hysteresis width
VUVLODHYS
180
230
280
mV
IGBT_IN=3.3V, IGBT_EN=3.3V
【IGBT driver block】
High-level output short circuit current
Ioso
90
140
200
mA
IGBT_IN=3.3V, IGBT_EN=3.3V
START=0V,IGBT_OUT_P=0V
Low-level output short circuit current
Iosi
30
60
90
mA
IGBT_IN=0V, IGBT_EN=3.3V
START=0V,IGBT_OUT_N=3.3V
IGBT_IN high-level input voltage range1
VIGBTH1
2.0
V
IGBT_EN=3.3V, START=0V
IGBT_IN high-level input voltage range2
VIGBTH2
1.4
V
VDD=3.0~3.6V,
Ta=-25~85 , IGBT_EN=3.3V
IGBT_IN low-level input voltage range
VIGBTL
0.6
V
IGBT_EN=3.3V, START=0V
IGBT_IN sink current
IIGBT_IN
12
24
36
μA
IGBT_IN=3.3V, START=0V
IGBT_EN high-level input voltage range
VIGBTENH
2.0
V
IGBT_IN=3.3V, START=0V
IGBT_EN low-level input voltage range
VIGBTENL
0.6
V
IGBT_EN sink current
IIGBT_EN
4.5
6.5
10
μA
IGBT_EN=3.3V, IGBT_IN=3.3V
○ PIN No.
Fig.3 TOP VIEW
Pin No.
Pin Name
Function
1
VDD
VDD supply pin
2
VCC
VCC supply pin
3
GND
Ground pin
4
ADJ
primary-side current control pin
5
FULL
FULL charge detection flag pin
6
START
Standby pin
7
VC
Secondary–side voltage detection pin
8~10
SW
Switching pin
11,12
PGND
Power GND pin
13
IGBT_IN
Input terminal of trigger signal for starting output of IGBT driver
14
IGBT_EN
Input terminal of control enable signal of IGBT driver
15
IGBT_OUT_N
IGBT driver output N pin
16
IGBT_OUT_P
IGBT driver output P pin
◎This is not designed for radiation resistance.
1
2
3
4
5
7
8
9
10
16
15
14
13
12
11
6


Similar Part No. - BD4220AMUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4221NUX ROHM-BD4221NUX Datasheet
153Kb / 5P
   Silicon Monolithic Integrated Circuit
BD4222MUV ROHM-BD4222MUV Datasheet
249Kb / 5P
   Silicon monolithic integrated circuit
BD4223FUJ ROHM-BD4223FUJ Datasheet
171Kb / 5P
   Silicon Monolithic Integrated Circuit
BD4223FVM ROHM-BD4223FVM Datasheet
162Kb / 5P
   Silicon Monolithic Integrated Circuit
BD4224NUX ROHM-BD4224NUX Datasheet
164Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD4220AMUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com