Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5423MUV Datasheet(PDF) 2 Page - Rohm

Part # BD5423MUV
Description  17W17W Class-D Speaker Amplifier for Analog Input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5423MUV Datasheet(HTML) 2 Page - Rohm

  BD5423MUV Datasheet HTML 1Page - Rohm BD5423MUV Datasheet HTML 2Page - Rohm BD5423MUV Datasheet HTML 3Page - Rohm BD5423MUV Datasheet HTML 4Page - Rohm BD5423MUV Datasheet HTML 5Page - Rohm BD5423MUV Datasheet HTML 6Page - Rohm BD5423MUV Datasheet HTML 7Page - Rohm BD5423MUV Datasheet HTML 8Page - Rohm BD5423MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Note
2/16
BD5423MUV
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Absolute Maximum Ratings
A circuit must be designed and evaluated not to exceed absolute maximum rating in any cases and even momentarily, to
prevent reduction in functional performances and thermal destruction of a semiconductor product and secure useful life and
reliability.
The following values assume Ta =25℃. For latest values, refer to delivery specifications.
(Note 1) A voltage that can be applied with reference to GND (pins 5, 18, 19, 42, and 43)
(Note 2) Pd and Tjmax=150℃ must not be exceeded.
(Note 3) 114.3mm × 76.2mm × 1.6mm
FR4 2-layer glass epoxy board (Copper Area 5505mm2) installed.
If used under Ta=25℃ or higher, reduce 26.2mW for increase of every 1℃. The board is provided with thermal via.
(Note 4) 114.3mm × 76.2mm × 1.6mm
FR4 4-layer glass epoxy board (Copper Area 5505mm2) installed.
If used under Ta=25℃ or higher, reduce 38.4mW for increase of every 1℃. The board is provided with thermal via.
●Operating Conditions
The following values assume Ta =25℃. Check for latest values in delivery specifications.
Item
Symbol
Rating
Unit
Conditions
Supply voltage
VCC
+10~+16.5
V
Pin 2, 14, 15, 22, 23, 38, 39, 46, 47
Load resistance
RL
4 ~ 16
(Note 5)
(Note 5) Pd should not be exceeded.
●Electrical Characteristics
Except otherwise specified Ta = 25℃, VCC = 12V, fIN = 1kHz, Rg = 0
Ω, RL = 8Ω, MUTEX="H", MS="L"
For latest values, refer to delivery specifications.
Item
Symbol
Representative
value
Unit
Conditions
Whole circuit
Circuit current 1 (Sampling mode)
ICC1
25
mA
With no signal
Circuit current 2 (Muting mode)
ICC2
10
mA
MUTEX = “L”
Control circuit
“H” level input voltage
VIH
2.3~12
V
MUTEX, MS
“L” level input voltage
VIL
0~0.8
V
MUTEX, MS
Audio circuit
Voltage gain
GV
28
dB
PO = 1W
Maximum output power 1 (Note 6)
PO1
10
W
THD+N = 10%, RL = 8
Maximum output power 2 (Note 6)
PO2
17
W
THD+N = 10%, RL = 4
Total harmonic distortion (Note 6)
THD
0.1
%
PO = 1W, BW=20Hz~20kHz
Crosstalk
CT
85
dB
PO = 1W, Rg = 0
Ω, BW = IHF-A
Output noise voltage (Sampling mode)
VNO
80
µVrms
Rg = 0
Ω, BW = IHF-A
Residual noise voltage (Muting mode)
VNOM
1
µVrms
Rg = 0
Ω, BW = IHF-A, MUTEX = “L”
Internal sampling clock frequency
FOSC
250
kHz
MS = “L” (In master operation)
(Note 6)The rated values of items above indicate average performances of the device, which largely depend on circuit layouts, components, and power supplies.
The reference values are those applicable to the device and components directly installed on a board specified by us.
Item
Symbol
Rating
Unit
Conditions
Supply voltage
VCC
+20
V
Pin 2, 14, 15, 22, 23, 38, 39, 46, 47 (Note 1, 2)
Power dissipation
Pd
3.28
W
(Note 3)
4.8
W
(Note 4)
Input voltage for signal pin
VIN
-0.2 ~ +7.2
V
Pin 6, 7 (Note 1)
Input voltage for control pin
VCONT
-0.2 ~ Vcc+0.2
V
Pin 28, 32 (Note 1)
Input voltage for clock pin
VOSC
-0.2 ~ +7.2
V
Pin 31 (Note 1)
Operating temperature range
Topr
-40 ~ +85
Storage temperature range
Tstg
-55 ~ +150
Maximum junction temperature
Tjmax
+150


Similar Part No. - BD5423MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5423MUV ROHM-BD5423MUV Datasheet
591Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV-E2 ROHM-BD5423MUV-E2 Datasheet
591Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5423MUV ROHM-BD5423MUV_10 Datasheet
591Kb / 17P
   Analog Input / BTL Output Class-D Speaker Amplifier
More results

Similar Description - BD5423MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5423AEFS ROHM-BD5423AEFS Datasheet
479Kb / 18P
   17W17W Class-D Speaker Amplifier for Analog Input
BM28723MUV ROHM-BM28723MUV Datasheet
4Mb / 82P
   17W17W Full Digital Speaker Amplifier with built-in DSP
11.May.2018 Rev.002
logo
Phihong USA Inc.
PSA-30U-301A PHIHONG-PSA-30U-301A Datasheet
239Kb / 2P
   17W Universal Input Adaptor
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com