Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5424EFS Datasheet(PDF) 8 Page - Rohm

Part # BD5424EFS
Description  20W20W Class-D Speaker Amplifier for Analog Input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5424EFS Datasheet(HTML) 8 Page - Rohm

Back Button BD5424EFS Datasheet HTML 4Page - Rohm BD5424EFS Datasheet HTML 5Page - Rohm BD5424EFS Datasheet HTML 6Page - Rohm BD5424EFS Datasheet HTML 7Page - Rohm BD5424EFS Datasheet HTML 8Page - Rohm BD5424EFS Datasheet HTML 9Page - Rohm BD5424EFS Datasheet HTML 10Page - Rohm BD5424EFS Datasheet HTML 11Page - Rohm BD5424EFS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical Note
8/17
BD5424EFS
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Pin Assignment
Top View
DRI VER
1P
DRI VER
1N
DRI VER
2P
DRI VER
2N
Fig. 28 Pin Assignment Diagram
●Outer Dimensions and Inscriptions
Fig. 29 Outer Dimensions and Inscriptions of HTSSOP-A44 Package
Type
Lot No.
BD5424EFS


Similar Part No. - BD5424EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5424EFS ROHM-BD5424EFS Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
BD5424EFS-E2 ROHM-BD5424EFS-E2 Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
BD5424EFS ROHM-BD5424EFS_10 Datasheet
565Kb / 18P
   Analog Input/BTL Output Class-D Speaker Amplifier
More results

Similar Description - BD5424EFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5446EFV ROHM-BD5446EFV Datasheet
747Kb / 31P
   20W20W Class-D Speaker Amplifier for Digital Input
BM5446EFV ROHM-BM5446EFV Datasheet
819Kb / 33P
   20W20W Class-D Speaker Amplifier for Digital Input with built-in DSP
logo
Maxim Integrated Produc...
MAX9744 MAXIM-MAX9744_V01 Datasheet
603Kb / 28P
   20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
MAX9744 MAXIM-MAX9744 Datasheet
135Kb / 1P
   20W Stereo Class D Speaker Amplifier with Volume Control
Rev 0; 3/08
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
   20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
logo
Anpec Electronics Corop...
APA3176 ANPEC-APA3176 Datasheet
737Kb / 45P
   20W Stereo Digital Class-D Amplifier
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
   20W Mono Class D Audio Amplifier
logo
Rohm
BM28720MUV ROHM-BM28720MUV Datasheet
2Mb / 79P
   20W20W Full Digital Speaker Amplifier with built-in DSP
logo
List of Unclassifed Man...
BM0120 ETC-BM0120 Datasheet
213Kb / 3P
   20W AUDIO CLASS D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com