Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

702-3732 Datasheet(PDF) 1 Page - CAMBION Electronic Components

Part # 702-3732
Description  Component Mounting Board, 12 pin
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

702-3732 Datasheet(HTML) 1 Page - CAMBION Electronic Components

  702-3732 Datasheet HTML 1Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Friday, 04 April 2003 Page 1 of 1
702-3732 Component Mounting Board, 12 pin, pitch, 0.2" (5,08) x 0.6" (15,24)
How to order code
702-3732-01-XX-00
Basic Part No XX = Plating Finish
MATERIALS
Component
Material
Finish (XX)
-03
-04
Terminal (Part # 460-2435-01-XX-00)
Phosphor Bronze
Gold
Electro Tin
Board
Glass Epoxy
-
-
FEATURES
Fibre board body for temperature withstanding during soldering
Notched corner to identify Pin


Similar Part No. - 702-3732

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
702-3730 CAMBION-702-3730 Datasheet
28Kb / 1P
   Component Mounting Board, 16 pin
702-3733 CAMBION-702-3733 Datasheet
28Kb / 1P
   Component Mounting Board, 24 pin
702-3734 CAMBION-702-3734 Datasheet
29Kb / 1P
   Component Mounting Board, 18 pin
702-3735 CAMBION-702-3735 Datasheet
28Kb / 1P
   Component Mounting Board, 20 pin
702-3736 CAMBION-702-3736 Datasheet
27Kb / 1P
   Component Mounting Board, 10 pin
More results

Similar Description - 702-3732

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
702-3700 CAMBION-702-3700 Datasheet
29Kb / 1P
   Component Mounting Board, 40 pin
702-3726 CAMBION-702-3726 Datasheet
28Kb / 1P
   Component Mounting Board, 14 pin
702-3734 CAMBION-702-3734 Datasheet
29Kb / 1P
   Component Mounting Board, 18 pin
702-3723 CAMBION-702-3723 Datasheet
27Kb / 1P
   Component Mounting Board, 8 pin
702-3724 CAMBION-702-3724 Datasheet
27Kb / 1P
   Component Mounting Board, 8 pin
702-3728 CAMBION-702-3728 Datasheet
28Kb / 1P
   Component Mounting Board, 16 pin
702-3730 CAMBION-702-3730 Datasheet
28Kb / 1P
   Component Mounting Board, 16 pin
702-3733 CAMBION-702-3733 Datasheet
28Kb / 1P
   Component Mounting Board, 24 pin
702-3735 CAMBION-702-3735 Datasheet
28Kb / 1P
   Component Mounting Board, 20 pin
702-3736 CAMBION-702-3736 Datasheet
27Kb / 1P
   Component Mounting Board, 10 pin
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com