Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5471MUV Datasheet(PDF) 5 Page - Rohm

Part # BD5471MUV
Description  2.3W2.3W Class-D Speaker Amplifier for Differential Analog input
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5471MUV Datasheet(HTML) 5 Page - Rohm

  BD5471MUV Datasheet HTML 1Page - Rohm BD5471MUV Datasheet HTML 2Page - Rohm BD5471MUV Datasheet HTML 3Page - Rohm BD5471MUV Datasheet HTML 4Page - Rohm BD5471MUV Datasheet HTML 5Page - Rohm BD5471MUV Datasheet HTML 6Page - Rohm BD5471MUV Datasheet HTML 7Page - Rohm BD5471MUV Datasheet HTML 8Page - Rohm BD5471MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Technical Note
5/21
BD5471MUV
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Application Circuit Example
Differential input
0.1μF
0.1μF
Differential
Input
Audio
InputL+
Audio
InputL-
C2
C1
G0
G1
Gain
Control
BEEP
2.2μF
EAPD
MUTE
C7
H:Active
L:Shutdown
REG_SD
0.01μF
C8
MUTE
INR-
INR+
OUTL+
Bias
AGND
AVDD
PVDDL
150k
INL-
INL+
PWM
H-
Bridge
Gain
Select
REG_VDD
BEEP
EAPD
REG_SD
REG
REG_OUT
REG_GND
PGNDR
PVDDR
G0
G1
Control
Logic
150k
150k
150k
DET_C
4
PGNDL
3.3V
Short
Protection
TSD
UVLO
24
23
10
15
21
3
6
OUTL-
PWM
H-
Bridge
Gain
Select
19
20
ERROR
G0
G1
G0
G1
18
G0
G1
7
8
Short
ERROR
OSC
BEEP
Detect
150k
9
1
2
17
OUTR+
OUTR-
16
13
11
150k
Short
Protection
12
22
5
14
ERROR
0.1μF
0.1μF
Differential
Input
Audio
InputR+
Audio
InputR-
C4
C3
C5
10μF
Short
Single-Ended input
0.1μF
Single-Ended
Input
Audio
Input L
C2
G0
G1
Gain
Control
BEEP
2.2μF
EAPD
MUTE
C7
H:Active
L:Shutdown
REG_SD
0.01μF
C8
MUTE
INR-
INR+
OUTL+
Bias
AGND
AVDD
PVDDL
150k
INL-
INL+
PWM
H-
Bridge
Gain
Select
REG_VDD
BEEP
EAPD
REG_SD
REG
REG_OUT
REG_GND
PGNDR
PVDDR
G0
G1
Control
Logic
150k
150k
150k
DET_C
4
PGNDL
3.3V
Short
Protection
TSD
UVLO
24
23
10
15
21
3
6
OUTL-
PWM
H-
Bridge
Gain
Select
19
20
ERROR
G0
G1
G0
G1
18
G0
G1
7
8
Short
ERROR
OSC
BEEP
Detect
150k
9
1
2
17
OUTR+
OUTR-
16
13
11
150k
Short
Protection
12
22
5
14
ERROR
0.1μF
Audio
Input R
C4
C5
10μF
Single-Ended
Input
C1
C3
0.1μF
0.1μF
Short


Similar Part No. - BD5471MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5471MUV ROHM-BD5471MUV Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
BD5471MUV-E2 ROHM-BD5471MUV-E2 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5471MUV-E2 ROHM-BD5471MUV-E2 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
More results

Similar Description - BD5471MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5460GUL ROHM-BD5460GUL Datasheet
390Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
BD5461GUL ROHM-BD5461GUL Datasheet
418Kb / 16P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
BD5632NUX ROHM-BD5632NUX Datasheet
432Kb / 15P
   2.5W Monaural Class-D Speaker Amplifier for Differential Analog Input
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
logo
Wuxi Youda electronics ...
YD2025 YOUDA-YD2025 Datasheet
157Kb / 4P
   2.3W STEREO AUDIO AMPLIFIER
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
[Old version datasheet]   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
logo
XFMRS Inc.
XF-EI30P-923 XFMRS-XF-EI30P-923 Datasheet
38Kb / 1P
   2.3W TRANSFORMER
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com