Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT150DA120TG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT150DA120TG
Description  Boost chopper Fast Trench Field Stop IGBT짰 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT150DA120TG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT150DA120TG Datasheet HTML 1Page - Microsemi Corporation APTGT150DA120TG Datasheet HTML 2Page - Microsemi Corporation APTGT150DA120TG Datasheet HTML 3Page - Microsemi Corporation APTGT150DA120TG Datasheet HTML 4Page - Microsemi Corporation APTGT150DA120TG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT150DA120TG
www.microsemi.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
50
100
150
200
250
300
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Hard
switching
ZCS
ZVS
0
10
20
30
40
50
60
0
40
80
120
160
200
240
IC (A)
VCE=600V
D=50%
RG=2.2Ω
TJ=125°C
Tc=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT150DA120TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT150DA120D1 ADPOW-APTGT150DA120D1 Datasheet
189Kb / 3P
   Boost chopper Trench IGBT Power Module
logo
Microsemi Corporation
APTGT150DA120D1G MICROSEMI-APTGT150DA120D1G Datasheet
185Kb / 4P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DA120D3 ADPOW-APTGT150DA120D3 Datasheet
205Kb / 3P
   Boost Chopper Trench IGBT Power Module
logo
Microsemi Corporation
APTGT150DA120G MICROSEMI-APTGT150DA120G Datasheet
244Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT150DA120TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50DA120TG MICROSEMI-APTGT50DA120TG Datasheet
262Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT짰 Power Module
APTGT300DA120G MICROSEMI-APTGT300DA120G Datasheet
249Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT짰 Power Module
APTGT100DA120T1G MICROSEMI-APTGT100DA120T1G Datasheet
279Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT짰 Power Module
APTGT75DA120T1G MICROSEMI-APTGT75DA120T1G Datasheet
283Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT짰 Power Module
APTGT75DA60T1G MICROSEMI-APTGT75DA60T1G Datasheet
277Kb / 5P
   Boost chopper Trench Field Stop IGBT짰 Power Module
APTGT75DA170T1G MICROSEMI-APTGT75DA170T1G Datasheet
285Kb / 5P
   Boost chopper Trench Field Stop IGBT짰 Power Module
APTGT30DA170T1G MICROSEMI-APTGT30DA170T1G Datasheet
282Kb / 5P
   Boost chopper Trench Field Stop IGBT짰 Power Module
APTGT100DA60T1G MICROSEMI-APTGT100DA60T1G Datasheet
280Kb / 5P
   Boost chopper Trench Field Stop IGBT짰 Power Module
APTGT150DA60T1G MICROSEMI-APTGT150DA60T1G Datasheet
278Kb / 5P
   Boost chopper Trench Field Stop IGBT짰 Power Module
APTGT50DA170T1G MICROSEMI-APTGT50DA170T1G Datasheet
280Kb / 5P
   Boost chopper Trench Field Stop IGBT짰 Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com