Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT200SK170D3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGT200SK170D3G
Description  Buck Chopper Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT200SK170D3G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGT200SK170D3G Datasheet HTML 1Page - Microsemi Corporation APTGT200SK170D3G Datasheet HTML 2Page - Microsemi Corporation APTGT200SK170D3G Datasheet HTML 3Page - Microsemi Corporation APTGT200SK170D3G Datasheet HTML 4Page - Microsemi Corporation APTGT200SK170D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGT200SK170D3G
www.microsemi.com
2- 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1700V
3
mA
Tj = 25°C
2.0
2.5
VCE(on)
Collector Emitter on Voltage
VGE = 15V
IC = 200A
Tj = 125°C
2.4
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 8 mA
5.2
5.8
6.4
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
18
Cres
Reverse Transfer Capacitance
VGE = 0V, VCE = 25V
f = 1MHz
0.6
nF
QG
Gate charge
VGE=±15V, IC=200A
VCE=900V
2.3
µC
Td(on)
Turn-on Delay Time
280
Tr
Rise Time
80
Td(off)
Turn-off Delay Time
850
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 900V
IC = 200A
RG = 6.8Ω
120
ns
Td(on)
Turn-on Delay Time
300
Tr
Rise Time
100
Td(off)
Turn-off Delay Time
1000
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 900V
IC = 200A
RG = 6.8Ω
200
ns
Tj = 25°C
58
Eon
Turn On Energy
Tj = 125°C
78
Tj = 25°C
43
Eoff
Turn Off Energy
VGE = ±15V
VBus = 900V
IC = 200A
RG = 6.8Ω
Tj = 125°C
63
mJ
Isc
Short Circuit data
VGE ≤15V ; VBus = 1000V
tp ≤ 10µs ; Tj = 125°C
800
A
Reverse diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1700
V
Tj = 25°C
750
IRRM
Maximum Reverse Leakage Current
VR=1700V
Tj = 125°C
1000
µA
IF
DC Forward Current
Tc = 80°C
200
A
Tj = 25°C
1.8
2.2
VF
Diode Forward Voltage
IF = 200A
Tj = 125°C
1.9
V
Tj = 25°C
385
trr
Reverse Recovery Time
Tj = 125°C
490
ns
Tj = 25°C
56
Qrr
Reverse Recovery Charge
Tj = 125°C
92
µC
Tj = 25°C
24
Err
Reverse Recovery Energy
IF = 200A
VR = 900V
di/dt =3200A/µs
Tj = 125°C
48
mJ


Similar Part No. - APTGT200SK170D3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200SK170D3 ADPOW-APTGT200SK170D3 Datasheet
196Kb / 3P
   Buck chopper Trench IGBT Power Module
More results

Similar Description - APTGT200SK170D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50SK170TG MICROSEMI-APTGT50SK170TG Datasheet
259Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT225SK170 ADPOW-APTGT225SK170 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT300SK170 ADPOW-APTGT300SK170 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT450SK60 ADPOW-APTGT450SK60 Datasheet
269Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT150SK170G MICROSEMI-APTGT150SK170G Datasheet
246Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT100SK60T3AG MICROSEMI-APTGT100SK60T3AG Datasheet
204Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT600SK60G MICROSEMI-APTGT600SK60G Datasheet
247Kb / 6P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50SK170T ADPOW-APTGT50SK170T Datasheet
280Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT200SK60T ADPOW-APTGT200SK60T Datasheet
279Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT600SK60 ADPOW-APTGT600SK60 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT200SK60T3AG MICROSEMI-APTGT200SK60T3AG Datasheet
207Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com