Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGV50H120T3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGV50H120T3G
Description  Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGV50H120T3G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGV50H120T3G Datasheet HTML 1Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 2Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 3Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 4Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 5Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 6Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 7Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 8Page - Microsemi Corporation APTGV50H120T3G Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
APTGV50H120T3G
www.microsemi.com
2-9
All ratings @ Tj = 25°C unless otherwise specified
1. Top switches
1.1 Top Trench + Field Stop IGBT® characteristics
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC = 25°C
75
IC
Continuous Collector Current
TC = 80°C
50
ICM
Pulsed Collector Current
TC = 25°C
100
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
270
W
RBSOA Reverse Bias Safe Operating Area
TJ = 125°C
100A @ 1150V
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
250
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 1200V
Tj = 125°C
500
µA
Tj = 25°C
1.4
1.7
2.1
VCE(sat)
Collector Emitter saturation Voltage
VGE =15V
IC = 50A
Tj = 125°C
2.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 2mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
3600
Crss
Reverse Transfer Capacitance
VGE = 0V,VCE = 25V
f = 1MHz
160
pF
Td(on)
Turn-on Delay Time
90
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
420
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 600V
IC = 50A
RG = 18Ω
70
ns
Td(on)
Turn-on Delay Time
90
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
520
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 600V
IC = 50A
RG = 18Ω
90
ns
Eon
Turn-on Switching Energy
Tj = 125°C
5
Eoff
Turn-off Switching Energy
VGE = ±15V
VBus = 600V
IC = 50A
RG = 18Ω
Tj = 125°C
5.5
mJ
RthJC
Junction to Case Thermal resistance
0.45
°C/W


Similar Part No. - APTGV50H120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGV50H120BTPG MICROSEMI-APTGV50H120BTPG Datasheet
431Kb / 13P
   Boost chopper full bridge NPT & Trench Field Stop IGBT Power module
More results

Similar Description - APTGV50H120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGV75H60T3G MICROSEMI-APTGV75H60T3G Datasheet
377Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV50H60T3G MICROSEMI-APTGV50H60T3G Datasheet
375Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTCV50H60T3G MICROSEMI-APTCV50H60T3G Datasheet
354Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV30H60T3G MICROSEMI-APTGV30H60T3G Datasheet
374Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV15H120T3G MICROSEMI-APTGV15H120T3G Datasheet
372Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV25H120T3G MICROSEMI-APTGV25H120T3G Datasheet
370Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTGV100H60T3G MICROSEMI-APTGV100H60T3G Datasheet
378Kb / 9P
   Full - Bridge NPT & Trench Field Stop짰 IGBT Power module
APTCV40H60CT1G MICROSEMI-APTCV40H60CT1G Datasheet
241Kb / 10P
   Full - Bridge CoolMOS & Trench Field Stop짰 IGBT Power module
APTGV50H120BTPG MICROSEMI-APTGV50H120BTPG Datasheet
431Kb / 13P
   Boost chopper full bridge NPT & Trench Field Stop IGBT Power module
APTGV25H120BG MICROSEMI-APTGV25H120BG Datasheet
452Kb / 14P
   Boost chopper Full - Bridge NPT & Trench Field Stop IGBT Power module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com