Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6370GUL Datasheet(PDF) 2 Page - Rohm

Part # BD6370GUL
Description  5ch System Lens Drivers for Digital Still Cameras
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6370GUL Datasheet(HTML) 2 Page - Rohm

  BD6370GUL Datasheet HTML 1Page - Rohm BD6370GUL Datasheet HTML 2Page - Rohm BD6370GUL Datasheet HTML 3Page - Rohm BD6370GUL Datasheet HTML 4Page - Rohm BD6370GUL Datasheet HTML 5Page - Rohm BD6370GUL Datasheet HTML 6Page - Rohm BD6370GUL Datasheet HTML 7Page - Rohm BD6370GUL Datasheet HTML 8Page - Rohm BD6370GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
BD6370GUL, BD6758MWV, BD6758KN
Technical Note
2/32
www.rohm.co
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Operating Conditions (Ta=-25 to +85°C)
Parameter
Symbol
Limit
Unit
BD6370GUL
BD6758MWV
BD6758KN
Power supply voltage
VCC
2.7 to 5.5
2.5 to 5.5
2.5 to 5.5
V
Motor power supply voltage
VM
2.7 to 5.5
2.5 to 5.5
2.5 to 5.5
V
Control input voltage
VIN
0 to VCC
0 to VCC
0 to VCC
V
Control input frequency
FIN
100
5
100
5
100
5
kHz
Serial clock input frequency
FSCLK
10
5
-
-
MHz
H-bridge output current
Iout
-400 to +400
6
-500 to +500
6
-500 to +500
6
mA/ch
5 ON duty=50%
6 Must not exceed Pd or ASO.
Electrical Characteristics and Diagrams
1) BD6370GUL Electrical DC Characteristics (Unless otherwise specified, Ta=25°C, VCC=3.0V, VM=5.0V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Overall
Circuit current (Standby mode)
ICCST
-
0
3.0
μA
PS=0V
Circuit current (Active mode)
ICC
-
1.3
2.0
mA
PS=3V with no control signal, and no load
Control input (IN=PS, INPUT1, 2, 34, 45, STROBE, SCLK, and SDATA)
High level input voltage
VINH
2.0
-
VCC
V
Low level input voltage
VINL
0
-
0.7
V
High level input current 1
IINH1
15
30
60
μA
VINH1 (PS, INPUT1, 2, 34, 45) =3V
High level input current 2
IINH2
7.5
15
30
μA
VINH2 (STROBE, SCLK, SDATA) =3V
Low level input current
IINL
-1
0
-
μA
VINL=0V
UVLO
UVLO voltage
VUVLO
1.6
-
2.4
V
Constant-Voltage Drive / Full-ON Drive block (ch1 to ch3)
Output ON-Resistance
RON
-
1.40
1.75
Io=±400mA on high and low sides in total
Output high voltage 1
VVOH1
1.35
1.50
1.65
V
DACx=6’b01_0100, RL=20Ω
Output high voltage 2
VVOH2
2.85
3.00
3.15
V
DACx=6’b10_1000, RL=20Ω
Output high voltage 3
VVOH3
4.49
4.725
4.96
V
DACx=6’b11_1111, RL=20Ω
DAC resolution
DVRES
-
6
-
BITS 75mV/LSB
Differential non-linear tolerance
DVDNL
-1
-
1
LSB
Integral non-linear tolerance
DVINL
-2
-
2
LSB
Min. voltage of DAC setting
DVRNG
1.5
-
-
V
DACx=6’b01_0100
Constant-Voltage Drive / Constant-Current Drive / Full-ON Drive block (ch4)
Output ON-Resistance
RON
-
1.40
1.75
Io=±400mA on high and low sides in total
Constant-Voltage Drive block in ch4
Output high voltage 1
VVOH1
1.35
1.50
1.65
V
DACV4=6’b01_0100, RL=20Ω
Output high voltage 2
VVOH2
2.85
3.00
3.15
V
DACV4=6’b10_1000, RL=20Ω
Output high voltage 3
VVOH3
4.49
4.725
4.96
V
DACV4=6’b11_1111, RL=20Ω
DAC resolution
DVRES
-
6
-
BITS 75mV/LSB
Differential non-linear tolerance
DVDNL
-1
-
1
LSB
Integral non-linear tolerance
DVINL
-2
-
2
LSB
Min. voltage of DAC setting
DVRNG
1.5
-
-
V
DACV4=6’b01_0100
Constant-Current Drive block in ch4
RNF voltage 1
VIRNF1
40
50
60
mV
DACI4=6’b00_1010, RRNF4=0.5Ω, RL=10Ω
RNF voltage 2
VIRNF2
94
99
104
mV
DACI4=6’b01_0100, RRNF4=0.5Ω, RL=10Ω
RNF voltage 3
VIRNF3
178
198
218
mV
DACI4=6’b10_1000, RRNF4=0.5Ω, RL=10Ω
DAC resolution
DIRES
-
6
-
BITS 5mV/LSB
Differential non-linear tolerance
DIDNL
-1
-
1
LSB
Integral non-linear tolerance
DIINL
-2
-
2
LSB
Min. voltage of DAC setting
DIRNG
50
-
-
mV
DACI4=6’b00_1010
Constant-Current Drive block (ch5)
Output ON-Resistance
RON
-
1.4
1.75
Io=±400mA on high and low sides in total
RNF voltage 1
VIRNF1
38
48
58
mV
DAC5=6’b00_1010, RRNF5=0.5Ω, RL=10Ω
RNF voltage 2
VIRNF2
91
96
101
mV
DAC5=6’b01_0100, RRNF5=0.5Ω, RL=10Ω
RNF voltage 3
VIRNF3
172
192
212
mV
DAC5=6’b10_1000, RRNF5=0.5Ω, RL=10Ω
DAC resolution
DIRES
-
6
-
BITS 5mV/LSB
Differential non-linear tolerance
DIDNL
-1
-
1
LSB
Integral non-linear tolerance
DIINL
-2
-
2
LSB
Min. voltage of DAC setting
DIRNG
50
-
-
mV
DAC5=6’b00_1010


Similar Part No. - BD6370GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6370GUL ROHM-BD6370GUL Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
4Mb / 36P
   5-Channel System Lens Driver
BD6370GUL-E2 ROHM-BD6370GUL-E2 Datasheet
4Mb / 36P
   5-Channel System Lens Driver
BD6370GUL ROHM-BD6370GUL_15 Datasheet
4Mb / 36P
   5-Channel System Lens Driver
More results

Similar Description - BD6370GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6373GW ROHM-BD6373GW Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com