Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6758MWV Datasheet(PDF) 10 Page - Rohm

Part # BD6758MWV
Description  5ch System Lens Drivers for Digital Still Cameras
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6758MWV Datasheet(HTML) 10 Page - Rohm

Back Button BD6758MWV Datasheet HTML 6Page - Rohm BD6758MWV Datasheet HTML 7Page - Rohm BD6758MWV Datasheet HTML 8Page - Rohm BD6758MWV Datasheet HTML 9Page - Rohm BD6758MWV Datasheet HTML 10Page - Rohm BD6758MWV Datasheet HTML 11Page - Rohm BD6758MWV Datasheet HTML 12Page - Rohm BD6758MWV Datasheet HTML 13Page - Rohm BD6758MWV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
BD6370GUL, BD6758MWV, BD6758KN
Technical Note
10/32
www.rohm.co
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BD6370GUL Function Explanation
1) Power saving and Serial Reset (BD6370GUL; PS)
(1) Function Explanation
p.11/32
2) Control Input (BD6370GUL; INPUTx)
(1) Function Explanation
p.11/32
3) H-bridge (BD6370GUL; VM, OUTxA, OUTxB, and RNFx)
(1) Function Explanation
p.11/32
(2) The D/A Converter Settings of Constant-Voltage, Constant-Current, and Full-ON Mode
p.11/32
4) Serial Input (BD6370GUL; STROBE, SCLK, and SDATA)
(1) Function Explanation
p.12/32
(2) Serial Register Bit Map
p.12/32
5) Serial Register Data Bit Function (BD6370GUL)
(1) Address Bit [000] Function Explanation
p.13/32 to p.14/32
(2) Address Bit [001] Function Explanation
p.15/32
(3) Address Bit [010] Function Explanation
p.16/32 to p.17/32
(4) Address Bit [011] Function Explanation
p.18/32 to p.19/32
(5) Address Bit [100] Function Explanation
p.20/32
6) I/O Truth Table (BD6370GUL)
p.21/32 to p.23/32
7) The More Precise Constant-Current Settings (BD6370GUL)
p.24/32 to p.23/32
8) Application Control Sequence (BD6370GUL)
(1) Stepping Motor drive controlled by 2 phases mode
p.25/32 to p.26/32
Level Shift
&
Pre Driver
6bit DAC3
VDAC3
OUT3A
OUT3B
H bridge
C.V./Full ON
PGND
PS
VCC
1~100uF
OUT1A
OUT1B
Level Shift
&
Pre Driver
OUT2A
OUT2B
H bridge
C.V./Full ON
H bridge
C.V./Full ON
M
RNF4
RRNFI4
1~100uF
VM
6bit DACI4
VDACI4
Level Shift
&
Pre Driver
RNF5
RRNF5
6bit DAC5
VDAC5
OUT4A
OUT4B
H bridge
C.V./C.C./Full ON
OUT5A
OUT5B
H bridge
Const. Current
GND
Level Shift
&
Pre Driver
6bit DAC12
VDAC12
SCLK
INPUT1
INPUT2
STROBE
INPUT34
INPUT45
Logic12
SDATA
Serial
Interface
Serial Interface
Serial Interface
Serial Interface
Serial Interface
Serial Interface
Serial Interface
Serial Interface
Serial Interface
Selector
Serial Interface
Logic3
Logic5
Logic4
Selector
M
BandGap
TSD & UVLO
6bit DACV4
VDACV4
Serial Interface
C4
D4
B4
D2
C2
E2
B3
D3
C3
E3
A4
A5
B5
C5
E4
E5
A2
B1
A1
A3
C1
D1
E1
D5
Power Save & Serial Reset
Serial Interface
Bypass filter Capacitor for
power supply input. (p.29/32)
Bypass filter Capacitor for
power supply input. (p.29/32)
The output current is converted to a voltage
with the RNF5 external resistor. (p.11/32)
Iout[A] = VDAC5[V]÷(RMETAL5[Ω]+RRNF5[Ω])
Power-saving (p.11/32)
H : Active
L : Standby
Motor control input
(p.11/32)
Fig.41 BD6370GUL Application Circuit Diagram
Serial control input
(p.12/32)
Motor control input
(p.11/32)
The output current is converted to a voltage
with the RNF4 external resistor. (p.11/32)
Iout[A] = VDACI4[V]÷(RMETALI4[Ω]+RRNFI4[Ω])
In the case of Const.-Voltage or Full-ON
mode, no need to connect the RRNFI4.
RMETAL5
=22mΩ (Typ.)
RMETALI4
=4mΩ (Typ.)
Resemblance drive
mode (p.11/32)


Similar Part No. - BD6758MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6758MWV ROHM-BD6758MWV Datasheet
347Kb / 5P
   Silicon Monolithic Integrated Circuits
BD6758MWV ROHM-BD6758MWV Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758MWV ROHM-BD6758MWV Datasheet
1Mb / 20P
   5-Channel System Lens Driver
BD6758MWV-E2 ROHM-BD6758MWV-E2 Datasheet
1Mb / 20P
   5-Channel System Lens Driver
BD6758MWV ROHM-BD6758MWV_15 Datasheet
1Mb / 20P
   5-Channel System Lens Driver
More results

Similar Description - BD6758MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6373GW ROHM-BD6373GW Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com