Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6538G Datasheet(PDF) 5 Page - Rohm

Part # BD6538G
Description  1ch Small Current Output Power Management Switch IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6538G Datasheet(HTML) 5 Page - Rohm

  BD6538G Datasheet HTML 1Page - Rohm BD6538G Datasheet HTML 2Page - Rohm BD6538G Datasheet HTML 3Page - Rohm BD6538G Datasheet HTML 4Page - Rohm BD6538G Datasheet HTML 5Page - Rohm BD6538G Datasheet HTML 6Page - Rohm BD6538G Datasheet HTML 7Page - Rohm BD6538G Datasheet HTML 8Page - Rohm BD6538G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BD6538G
Technical Note
5/11
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
10
12
14
16
18
20
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
10
12
14
16
18
20
23456
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Fig.19 Output turn on time
Fig.20 Output turn on time
Fig.23 Output turn off time
0.0
1.0
2.0
3.0
4.0
5.0
23
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
0.0
1.0
2.0
3.0
4.0
5.0
2
345
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Fig.21 Output fall time
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Fig.22 Output fall time
0.0
1.0
2.0
3.0
4.0
5.0
6.0
23456
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Fig.24 Output turn off time
2.0
2.1
2.2
2.3
2.4
2.5
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VTUVH
VTUVL
Fig.15 UVLO Threshold
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Fig.16 UVLO hysteresis voltage
Fig.17 Output rise time
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Fig.18 Output rise time
0.0
1.0
2.0
3.0
4.0
5.0
234
56
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Fig.25 Blanking time
Fig.26 Blanking time


Similar Part No. - BD6538G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6538G ROHM-BD6538G Datasheet
291Kb / 12P
   1ch Small Package High Side Switch IC for USB Devices and Memory Cards
BD6538G ROHM-BD6538G Datasheet
1Mb / 25P
   Output OFF Latch High Side Switch ICs
BD6538G-LB ROHM-BD6538G-LB Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD6538G-LBTR ROHM-BD6538G-LBTR Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD6538G-TR ROHM-BD6538G-TR Datasheet
1Mb / 25P
   Output OFF Latch High Side Switch ICs
More results

Similar Description - BD6538G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD6524HFV ROHM-BD6524HFV Datasheet
448Kb / 10P
   1ch Small Current Output Power Managment Switch IC
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
BD6520F-E2 ROHM-BD6520F-E2 Datasheet
567Kb / 17P
   Large Current Output Power Management Switch ICs
logo
Fujitsu Component Limit...
MB3841 FUJITSU-MB3841 Datasheet
122Kb / 17P
   Power Management Switch IC
logo
Rohm
BD6520F ROHM-BD6520F_09 Datasheet
493Kb / 17P
   Large Current Output Power Management Switch ICs
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
logo
Infineon Technologies A...
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
   Small engine management IC
Rev. 1.0 2021-03-23
logo
Rohm
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com