Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM100UM45DAG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM100UM45DAG
Description  Single switch with Series diode MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100UM45DAG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM100UM45DAG Datasheet HTML 1Page - Microsemi Corporation APTM100UM45DAG Datasheet HTML 2Page - Microsemi Corporation APTM100UM45DAG Datasheet HTML 3Page - Microsemi Corporation APTM100UM45DAG Datasheet HTML 4Page - Microsemi Corporation APTM100UM45DAG Datasheet HTML 5Page - Microsemi Corporation APTM100UM45DAG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM100UM45DAG
www.microsemi.com
1 – 6
SK
DK
G
SD
D
S
DK
G
SK
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1000
V
Tc = 25°C
215
ID
Continuous Drain Current
Tc = 80°C
160
IDM
Pulsed Drain current
860
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
52
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
5000
W
IAR
Avalanche current (repetitive and non repetitive)
30
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3200
mJ
VDSS = 1000V
RDSon = 45mΩ typ @ Tj = 25°C
ID = 215A @ Tc = 25°C
Application
Zero Current Switching resonant mode
Features
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
AlN substrate for improved thermal performance
Benefits
Outstanding performance at high frequency
operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Low profile
RoHS Compliant
Single switch
with Series diode
MOSFET Power Module


Similar Part No. - APTM100UM45DAG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM100UM45D-ALN ADPOW-APTM100UM45D-ALN Datasheet
309Kb / 6P
   Single switch with Series diode MOSFET Power Module
More results

Similar Description - APTM100UM45DAG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100UM65DAG MICROSEMI-APTM100UM65DAG Datasheet
276Kb / 6P
   Single switch with Series diode MOSFET Power Module
logo
Advanced Power Technolo...
APTM100UM45D-ALN ADPOW-APTM100UM45D-ALN Datasheet
309Kb / 6P
   Single switch with Series diode MOSFET Power Module
APTM100UM65D-ALN ADPOW-APTM100UM65D-ALN Datasheet
321Kb / 6P
   Single switch with Series diode MOSFET Power Module
logo
Microsemi Corporation
APTM100UM65DAG MICROSEMI-APTM100UM65DAG_08 Datasheet
257Kb / 6P
   Single switch with Series diode MOSFET Power Module
APTM120U10DAG MICROSEMI-APTM120U10DAG Datasheet
266Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM120UM70D-ALN ADPOW-APTM120UM70D-ALN Datasheet
299Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Microsemi Corporation
APTM120UM70DAG MICROSEMI-APTM120UM70DAG Datasheet
272Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM120U100D-ALN ADPOW-APTM120U100D-ALN Datasheet
311Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Microsemi Corporation
APTM120U10DAG MICROSEMI-APTM120U10DAG_08 Datasheet
222Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM120UM70F-ALN ADPOW-APTM120UM70F-ALN Datasheet
299Kb / 6P
   Single switch MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com